LMS-5W0-R/Q
AI

The **LMS-5W0-R/Q** series typically refers to high-performance, wide-input range DC-DC converter modules often used in industrial and telecommunications applications. Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. General Overview
These modules are designed for high-density power conversion. The "5W0" suffix usually denotes a **50 Watt** power rating, while the "R/Q" indicates specific mechanical or electrical configurations (such as Quarter-brick footprint or Remote On/Off logic).
### 2. Technical Specifications
| Feature | Typical Specification |
| :--- | :--- |
| **Input Voltage Range** | 18V - 75V DC (Wide 4:1 Range) |
| **Output Power** | 50 Watts |
| **Output Voltage** | Usually 3.3V, 5V, or 12V (Model dependent) |
| **Efficiency** | Up to 90% - 92% |
| **Isolation Voltage** | 1500V DC - 2250V DC |
| **Form Factor** | Quarter-brick (approx. 2.28" x 1.45") |
---
### 3. Key Electronic Components & Features
The internal circuitry of these modules consists of several critical stages:
#### A. Input Filtering (EMI/EMC)
To handle high-frequency switching noise, the input section includes:
* **LC Filters:** Inductors and capacitors designed to suppress electromagnetic interference.
* **TVS Diodes:** For transient voltage protection against spikes.
#### B. Power Conversion Topology
* **Forward or Flyback Converter:** Uses high-frequency switching transistors (MOSFETs) to convert DC to AC.
* **Isolation Transformer:** Provides galvanic isolation between the input and output stages to protect sensitive downstream components.
#### C. Control and Feedback
* **PWM Controller:** Regulates the duty cycle of the MOSFETs to maintain a steady output voltage regardless of load changes.
* **Optoisolator:** Sends feedback from the output back to the controller while maintaining isolation.
#### D. Protection Circuitry
The module includes "Self-Healing" protection mechanisms:
1. **OCP (Over-Current Protection):** Shuts down or limits current if the load exceeds limits.
2. **OVP (Over-Voltage Protection):** Clamps the output to prevent damage to the load.
3. **OTP (Over-Temperature Protection):** Thermal shutdown if the internal heat sink temperature exceeds safety limits.
---
### 4. Pin Configuration (Typical Quarter-Brick)
```text
1. +Vin (Input Positive)
2. Remote ON/OFF
3. -Vin (Input Negative)
4. -Vout (Output Negative)
5. -Sense (Voltage compensation)
6. Trim (Output voltage adjustment)
7. +Sense (Voltage compensation)
8. +Vout (Output Positive)
```
- ⤷
What are the specific cooling requirements for the 50W version?
- ⤷ How does the 'Trim' pin function for output voltage adjustment?
- ⤷ Can this module be used in parallel for higher power output?