công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LMS-4WE-R

  • AI
    The **LMS-4WE-R** is an industrial-grade, ultra-slim safety laser scanner manufactured by **Panasonic (formerly SUNX)**. It is primarily used for area monitoring, obstacle detection for AGVs (Automated Guided Vehicles), and safety guarding in industrial environments. Below is a detailed breakdown of its electronic components, technical specifications, and wiring. --- ### 1. Core Technical Specifications The electronics of the LMS-4WE-R are designed for high-speed processing and reliability in harsh environments. | Feature | Specification | | :--- | :--- | | **Detection Principle** | Time-of-Flight (ToF) Infrared Laser | | **Scanning Angle** | 190° | | **Detection Range** | Up to 4 meters (Safety) / 10 meters (Warning) | | **Supply Voltage** | 24V DC (+/- 10%) | | **Power Consumption** | Max 5W (Normal) | | **Response Time** | 60ms to 480ms (Configurable) | | **Light Source** | Infrared Laser Diode (Class 1 Safety) | --- ### 2. Internal Electronic Architecture The device consists of several critical sub-systems that work in tandem: * **Optical Assembly:** Contains the Laser Diode and the photodiode receiver. The laser emits pulses that bounce off objects, and the receiver calculates the distance based on the time taken for the light to return. * **Rotating Mirror System:** A high-precision brushless motor rotates a mirror to sweep the laser beam across the 190° field of view. * **Signal Processing Unit (DSP/FPGA):** Filters out ambient light noise (like sunlight or welding sparks) and calculates whether an object has entered the defined protection zones. * **Input/Output (I/O) Stage:** Features solid-state outputs for interfacing with PLCs or motor controllers. --- ### 3. Wiring and Interfaces The LMS-4WE-R uses a specialized connector (typically an M12 or a dedicated lead-out cable). The electronic interface is categorized into three types: #### Power & Ground * **Brown:** +24V DC * **Blue:** 0V (GND) #### Control Outputs (OSSDs) The device uses **OSSD (Output Signal Switching Device)** outputs to ensure safety. These outputs perform self-checks for short circuits. * **Black/White:** OSSD 1 & OSSD 2 (Safety Outputs) * **Orange:** Warning Output (Non-safety signal for slowing down machinery) #### Inputs * **Pink/Grey:** Area Switching inputs. These allow the electronic controller to switch between different pre-programmed detection zones (e.g., when an AGV turns a corner). --- ### 4. Communication & Configuration The electronics include a communication port (usually **RS-232C or USB**) used for: 1. **Zone Mapping:** Drawing the protection and warning zones using Panasonic’s configuration software. 2. **Sensitivity Adjustment:** Setting the number of consecutive scans required to trigger an output (to prevent false trips from dust). 3. **Diagnostics:** Monitoring the health of the laser diode and the internal motor speed. --- ### 5. Safety Features * **Self-Diagnosis:** The internal electronics constantly monitor for laser failure, motor stall, or internal circuitry faults. If a fault is detected, the OSSD outputs automatically go to an "OFF" state. * **External Device Monitoring (EDM):** The unit can monitor the state of external contactors to ensure they haven't welded shut.
    ✨ Follow-up Questions
    • ⤷ How do you configure the detection zones for the LMS-4WE-R?
    • ⤷ What is the difference between the Safety Zone and the Warning Zone in this scanner?
    • ⤷ Can the LMS-4WE-R be used in outdoor environments with heavy rain or fog?