AI

The **LMS-0G-R/Q** series refers to a specific range of high-performance, miniature linear motor stages, often manufactured by companies like **Akribis Systems**. These stages are designed for precision motion control in compact spaces.
Below is a breakdown of the electronic components and technical specifications associated with these parts.
---
### 1. Key Electronic Components
The functionality of the LMS-0G-R/Q depends on three primary electronic sub-systems:
| Component | Description | Function |
| :--- | :--- | :--- |
| **Linear Motor** | Ironless linear motor coil assembly. | Converts electrical energy into linear mechanical motion via Lorentz force. |
| **Encoder** | Optical or Magnetic linear scale (Analog or Digital). | Provides position feedback to the controller for closed-loop operation. |
| **Hall Sensors** | Integrated magnetic sensors. | Detects the magnetic pole orientation for motor commutation upon startup. |
### 2. Technical Specifications
The "R" and "Q" designations typically refer to the motor winding types or encoder resolutions.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Motor Type** | 3-Phase Brushless Linear Motor |
| **Feedback Type** | Digital RS422 (Incremental) or 1Vpp (Analog) |
| **Encoder Resolution** | 0.1 $\mu$m to 1.0 $\mu$m (Model dependent) |
| **Continuous Force** | 2N - 10N |
| **Peak Force** | 6N - 30N |
| **Max Voltage** | 48VDC to 80VDC |
### 3. Wiring and Interfacing
The stage typically interfaces with a motion controller/drive via a high-flex cable. The pinout generally includes:
* **Motor Phases:** U, V, W (and Ground).
* **Encoder Signals:** A+, A-, B+, B-, Z+, Z- (Differential signals for noise immunity).
* **Power:** +5VDC for encoder and Hall sensors.
* **Safety:** Positive/Negative limit switches and Home switch.
### 4. Drive Requirements
To operate the LMS-0G-R/Q, an electronic **Servo Drive** is required. The drive must support:
1. **Pulse Width Modulation (PWM):** For controlling current to the motor phases.
2. **Commutation:** Usually Sine-wave commutation based on Hall sensor or encoder feedback.
3. **PID Tuning:** To stabilize the high-speed, low-friction movement of the ironless motor.
---
- ⤷What is the difference between the R and Q versions of the LMS-0G?
- ⤷ Which servo drives are compatible with Akribis linear motors?
- ⤷ How do you calibrate the linear encoder on this stage?