LM358L-S08-R
AI

## LM358L-S08-R: Technical Overview
The **LM358L-S08-R** is a low-power, dual-channel operational amplifier (Op-Amp) designed to operate from a single power supply over a wide range of voltages. It is a variant of the industry-standard LM358 family, specifically packaged for surface-mount applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Channels** | Dual (2 independent Op-Amps) |
| **Supply Voltage (Single)** | 3.0V to 32V |
| **Supply Voltage (Dual)** | ±1.5V to ±16V |
| **Package Type** | SOP-8 (Surface Mount) |
| **Input Offset Voltage** | 2mV (Typical) |
| **Gain Bandwidth Product** | 1.1 MHz |
| **Current Consumption** | 500 µA (Low power) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
---
### 2. Part Number Breakdown: `LM358L-S08-R`
To understand the specific physical and chemical properties of this component, we can decode the suffix:
* **LM358**: The base model number for a dual general-purpose Op-Amp.
* **L**: Often indicates "Lead-Free" or "Low Power" depending on the specific manufacturer (commonly UTC - Unisonic Technologies).
* **S08**: Refers to the **SOP-8** (Small Outline Package) with 8 pins.
* **R**: Indicates **Tape & Reel** packaging, designed for automated SMT (Surface Mount Technology) assembly lines.
---
### 3. Internal Architecture and Pinout
The device consists of two independent, high-gain, internally frequency-compensated operational amplifiers.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OUTPUT 1 | Output of the first amplifier |
| 2 | INPUT 1- | Inverting input of the first amplifier |
| 3 | INPUT 1+ | Non-inverting input of the first amplifier |
| 4 | V- / GND | Negative supply or Ground |
| 5 | INPUT 2+ | Non-inverting input of the second amplifier |
| 6 | INPUT 2- | Inverting input of the second amplifier |
| 7 | OUTPUT 2 | Output of the second amplifier |
| 8 | V+ | Positive supply voltage |
---
### 4. Common Applications
Due to its ability to operate with a single power supply (common in battery-operated devices), it is used in:
* **Transducer Amplifiers:** Scaling small sensor signals.
* **DC Gain Blocks:** Simple signal amplification.
* **Comparators:** Comparing two voltage levels.
* **Active Filters:** Low-pass, high-pass, or band-pass filters in audio or signal processing.
---
- ⤷What are the main differences between the LM358 and the LM324?
- ⤷ Can the LM358L be used in high-speed signal processing applications?
- ⤷ What is the maximum output current the LM358L can provide?