công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LM324L-S14-R

  • AI
    The **LM324L-S14-R** is a specific variant of the industry-standard LM324 series. It is a low-power, quad operational amplifier (op-amp) designed to operate from a single power supply over a wide range of voltages. --- ## 1. Component Overview The "L" in the suffix often denotes a "Low Power" or "Lead-free" version depending on the manufacturer (typically UTC - Unisonic Technologies), while "S14" refers to the package type, and "R" indicates the packing method (Tape & Reel). ### Key Technical Specifications | Parameter | Typical Value | | :--- | :--- | | **Number of Channels** | 4 (Quad) | | **Supply Voltage (Single)** | 3V to 32V | | **Supply Voltage (Dual)** | ±1.5V to ±16V | | **Bandwidth (Unity Gain)** | 1 MHz | | **Input Bias Current** | 45 nA | | **Package Type** | SOP-14 (Small Outline Package) | | **Operating Temperature** | -40°C to +85°C | --- ## 2. Pinout Configuration (SOP-14) Since this is a quad op-amp, the 14 pins are distributed to handle four independent amplifiers with shared power pins. | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 7, 8, 14 | **Outputs** | Output for Op-Amps 1, 2, 3, and 4 | | 2, 6, 9, 13 | **Inverting Inputs (-)** | Negative inputs for each amplifier | | 3, 5, 10, 12 | **Non-Inverting (+)** | Positive inputs for each amplifier | | 4 | **Vcc** | Positive Supply Voltage | | 11 | **GND / Vee** | Ground or Negative Supply Voltage | --- ## 3. Notable Features * **Single Supply Operation:** Unlike many older op-amps that require both positive and negative rails, the LM324L can operate with just a positive lead and a ground. * **Low Power Consumption:** Designed specifically for battery-operated devices to prolong life. * **Internal Frequency Compensation:** Eliminates the need for external capacitors to keep the amplifier stable. * **Common Mode Range:** The input common-mode voltage range includes ground, allowing direct sensing near 0V. --- ## 4. Common Applications 1. **Transducer Amplifiers:** Scaling signals from sensors (temperature, pressure). 2. **DC Gain Blocks:** Simple signal boosting in low-frequency circuits. 3. **Comparators:** Used in battery chargers or level detectors. 4. **Active Filters:** Creating low-pass or high-pass filters for audio or signal processing. --- ## 5. Equivalent/Alternative Parts If the LM324L-S14-R is unavailable, the following are generally pin-compatible: * **LM324ADR:** Standard version from Texas Instruments. * **LM2902:** High-reliability/Automotive version. * **MC3403:** Similar quad op-amp architecture.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LM324L and the standard LM324?
    • ⤷ Can I use the LM324L-S14-R in a 5V digital circuit?
    • ⤷ How do I calculate the gain for a non-inverting amplifier using this chip?