LM321G-AE5-R
AI

The **LM321G-AE5-R** is a low-power, single-channel general-purpose operational amplifier (Op-Amp) manufactured by Unisonic Technologies (UTC). It is designed to be a cost-effective, space-saving alternative to the industry-standard LM324/LM358 series for applications requiring only one amplifier.
---
## 1. Key Specifications
| Parameter | Specification |
| :--- | :--- |
| **Number of Channels** | 1 (Single) |
| **Supply Voltage Range** | 3V to 32V (Single), ±1.5V to ±16V (Dual) |
| **Quiescent Current** | 430 µA (Typical) |
| **Gain Bandwidth Product** | 1 MHz |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Input Bias Current** | 45 nA |
| **Output Type** | Rail-to-Ground |
---
## 2. Pin Configuration (SOT-23-5)
The "AE5" in the part number refers to the SOT-23-5 package. The pinout is standard for single op-amps in this footprint:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **IN+** | Non-inverting Input |
| 2 | **V-** | Negative Supply (or Ground) |
| 3 | **IN-** | Inverting Input |
| 4 | **OUT** | Amplifier Output |
| 5 | **V+** | Positive Power Supply |
---
## 3. Notable Features
* **Internal Frequency Compensation:** Eliminates the need for external components to maintain stability, simplifying circuit design.
* **Large DC Voltage Gain:** Typically 100 dB, providing high precision in amplification.
* **Input Common-Mode Range:** Includes Ground/V-, allowing the device to sense signals very close to the negative rail without additional power supplies.
* **Low Power Consumption:** Optimized for battery-operated devices and portable electronics.
---
## 4. Typical Applications
The LM321G-AE5-R is commonly found in "building block" circuits where signal conditioning is needed in a small form factor:
1. **Chargers and Power Adapters:** Used for current sensing and voltage regulation loops.
2. **Sensor Amplifiers:** Boosting small signals from thermal or pressure sensors.
3. **Active Filters:** Implementing low-pass or high-pass filters in audio or signal processing.
4. **Comparators:** Can be used in non-critical low-speed comparator applications.
---
## 5. Part Number Decoding
The suffix provides specific manufacturing details:
* **LM321**: Basic Part Number (Single Op-Amp).
* **G**: Halogen-free and RoHS compliant.
* **AE5**: Package code for SOT-23-5.
* **R**: Tape and Reel packaging.
- ⤷
What are the main differences between the LM321 and the LM358?
- ⤷ How does the 'Rail-to-Ground' output affect signal swing in 5V circuits?
- ⤷ Can the LM321 be used with a dual (+/-) power supply?