LM317AL-TQ2-R
AI

The **LM317AL-TQ2-R** is a specific variant of the widely-used LM317 family of adjustable positive voltage regulators. It is designed to provide a stable, regulated output voltage that can be set using an external resistor divider.
---
### 1. Technical Specifications
The "AL" suffix typically denotes a version with tighter output voltage tolerance or specific thermal characteristics, while "TQ2" refers to the package type.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Type** | Linear Adjustable Voltage Regulator |
| **Output Voltage Range** | 1.25V to 37V |
| **Output Current** | Up to 1.5A |
| **Input-Output Differential** | 3V to 40V |
| **Line Regulation** | 0.01% / V |
| **Load Regulation** | 0.1% |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Package and Part Number Breakdown
The part number follows a standard industry convention (often associated with UTC - Unisonic Technologies):
* **LM317**: Base part family (Adjustable Linear Regulator).
* **AL**: High-accuracy version (often ±1.5% reference voltage tolerance).
* **TQ2**: **TO-263** package (also known as D2PAK). This is a Surface Mount Device (SMD) designed for high power dissipation.
* **R**: Tape and Reel packaging for automated assembly.
---
### 3. Key Electronic Functions
The LM317AL operates by maintaining a constant **1.25V reference voltage ($V_{ref}$)** between its Output and Adjustment pins.
#### Circuit Configuration
To set the voltage, you use two resistors ($R_1$ and $R_2$):
```text
Vout = 1.25V * (1 + R2 / R1) + (Iadj * R2)
```
*(Note: $I_{adj}$ is usually negligible at <100µA).*
#### Internal Protections
* **Current Limiting:** Prevents the device from burning out during an output short circuit.
* **Thermal Overload Protection:** Shuts the device down if the internal junction temperature exceeds safety limits (usually 150°C).
* **Safe Area Compensation:** Adjusts the current limit based on the voltage differential across the chip.
---
### 4. Application Considerations
* **Heat Sinking:** Since this is a linear regulator, excess voltage is dissipated as heat. In the TO-263 (TQ2) package, the large metal tab should be soldered to a copper plane on the PCB to act as a heat sink.
* **Capacitance:**
* **Input Capacitor:** A 0.1µF disc or 1µF tantalum capacitor is recommended if the device is far from the power supply filter.
* **Output Capacitor:** While not strictly required for stability, a 1µF tantalum or 10µF electrolytic capacitor improves transient response.
- ⤷
How do I calculate the power dissipation for the LM317AL in a TO-263 package?
- ⤷ What are the specific advantages of the 'AL' precision version over the standard LM317?
- ⤷ Can this part be used as a constant current regulator instead of a voltage regulator?