AI

The **LLM3225-R68J** is a high-frequency, surface-mount (SMD) wire-wound chip inductor. This specific component is commonly used in telecommunications and high-frequency RF circuits for signal filtering and impedance matching.
Below is a detailed breakdown of its specifications and characteristics.
### 1. Part Number Deciphering
To understand the component, we can break down the alphanumeric code:
| Segment | Meaning | Description |
| :--- | :--- | :--- |
| **LLM** | Series | Multilayer or Wire-wound Inductor series (varies by manufacturer). |
| **3225** | Case Size | Metric dimensions (3.2mm x 2.5mm), equivalent to EIA **1210**. |
| **R68** | Inductance | **0.68 µH** (The 'R' acts as a decimal point). |
| **J** | Tolerance | **±5%** (Standard precision for high-frequency inductors). |
---
### 2. Key Technical Specifications
While exact values can vary slightly between manufacturers (like Murata, TDK, or generic brands), the standard specs for an R68J 3225 inductor are:
* **Inductance:** 0.68 µH (680 nH)
* **Tolerance:** ±5%
* **Case Size:** 3.2 x 2.5 x 2.2 mm (1210 package)
* **Rated Current ($I_{dc}$):** Typically ranges from **300mA to 450mA** (depending on heat rise).
* **DC Resistance (DCR):** Usually around **0.30Ω to 0.50Ω**.
* **Self-Resonant Frequency (SRF):** Typically high, often above **150-200 MHz**.
* **Operating Temperature:** Generally **-40°C to +85°C** or +125°C.
---
### 3. Construction and Features
* **Wire-Wound Technology:** Unlike thin-film or multilayer inductors, wire-wound versions offer a higher **Q-factor** (Quality Factor), meaning lower energy loss at high frequencies.
* **Ceramic/Ferrite Core:** Usually wound around a ceramic or ferrite core to provide stable inductance values across a wide frequency range.
* **Shielding:** Most 3225 inductors of this type are **unshielded**, which allows for a smaller form factor but requires careful PCB placement to avoid EMI interference.
---
### 4. Common Applications
Due to its 0.68 µH value and 1210 footprint, it is frequently found in:
1. **RF Circuits:** Matching networks for antennas.
2. **Filtering:** Low-pass filters in wireless communication devices (WiFi, Bluetooth).
3. **Decoupling:** Removing high-frequency noise from power supply lines in mobile electronics.
4. **Oscillators:** Used in LC tank circuits to set specific frequencies.
---
- ⤷What is the difference between a wire-wound and a multilayer inductor in this size?
- ⤷ How does the Q-factor of the LLM3225-R68J affect its performance in RF circuits?
- ⤷ What are the equivalent alternative part numbers for the LLM3225-R68J?