LLM3225-R27J
AI

The **LLM3225-R27J** is a specific electronic component, identifying as a **Surface Mount Device (SMD) Chip Inductor**. It is widely used in high-frequency circuits for signal processing and power management.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **LLM** | Series | Multilayer or Wire-wound high-frequency inductor series. |
| **3225** | Metric Case Size | Physical dimensions: **3.2mm x 2.5mm** (Equivalent to EIA 1210). |
| **R27** | Inductance Value | **0.27 µH** (270 nH). The "R" acts as a decimal point. |
| **J** | Tolerance | **±5%** (Standard precision for inductors). |
---
### 2. Technical Specifications
The typical electrical parameters for an R27J rated inductor in this package size are as follows:
| Feature | Typical Value |
| :--- | :--- |
| **Inductance** | 0.27 µH (270 nH) |
| **Tolerance** | ±5% |
| **DC Resistance (DCR)** | Low (typically < 0.5 Ω) |
| **Rated Current** | 300mA to 600mA (Manufacturer dependent) |
| **Self-Resonant Frequency (SRF)** | High (suitable for RF applications) |
| **Operating Temperature** | -40°C to +125°C |
---
### 3. Physical Construction
The LLM3225 series generally utilizes one of two construction methods:
* **Wire-wound:** High Q-factor and high current handling. A fine copper wire is wound around a ceramic or ferrite core.
* **Multilayer:** Extremely compact and cost-effective, created by layering conductive paste and ceramic materials.
### 4. Common Applications
Due to its 0.27 µH value and 3225 footprint, this part is commonly found in:
* **RF Matching Circuits:** Used in wireless communication modules (Bluetooth, Wi-Fi).
* **DC-DC Converters:** Acts as a small power filter in mobile devices.
* **EMI Suppression:** Filtering high-frequency noise in signal lines.
* **Oscillators:** Serving as a frequency-determining element.
---
- ⤷
What is the difference between the 3225 and 2012 metric sizes in inductors?
- ⤷ Can I substitute a 'K' tolerance inductor for this 'J' tolerance part?
- ⤷ How does the Self-Resonant Frequency (SRF) affect this inductor's performance?