LL204L-S14-R
AI

The **LL204L-S14-R** is a specific electronic component, typically identified as a **Low Dropout (LDO) Linear Regulator** manufactured by UTC (Unisonic Technologies Co., Ltd).
Below is a detailed breakdown of its specifications, pinout, and functional characteristics.
---
## 1. Core Specifications
The "LL204L" series is designed for applications requiring high stability and low noise.
| Parameter | Typical Value / Specification |
| :--- | :--- |
| **Component Type** | CMOS Low Dropout (LDO) Voltage Regulator |
| **Output Voltage** | Fixed (Variable by suffix, "L" often denotes specific tuning) |
| **Output Current** | ~150mA to 300mA (standard for this package size) |
| **Package Type** | SOP-14 (indicated by the **S14** code) |
| **Packing Type** | Tape & Reel (indicated by the **R** code) |
| **Dropout Voltage** | Low (typically < 300mV at full load) |
---
## 2. Part Number Breakdown
Understanding the suffix codes is essential for sourcing the correct replacement:
* **LL204**: The base model series (High-speed LDO).
* **L**: Often refers to Lead-free/RoHS compliance or a specific voltage grade.
* **S14**: Refers to the physical package, which is **SOP-14** (Small Outline Package with 14 pins).
* **R**: Refers to the shipping method, **Tape & Reel**.
---
## 3. Key Features
The LL204 series is characterized by the following internal protections:
1. **Low Quiescent Current:** Minimizes power consumption when the device is in standby or under light load.
2. **Short Circuit Protection:** Includes current limiting circuitry to prevent damage during a fault.
3. **Thermal Shutdown:** The chip will power down if the internal junction temperature exceeds safe limits.
4. **High PSRR:** Excellent Power Supply Rejection Ratio, meaning it effectively filters out noise from the input power source.
---
## 4. Typical Applications
Because of the SOP-14 form factor (which is larger than standard SOT-23 LDOs), this part is often used in industrial or multi-channel power management:
* **Battery Powered Equipment:** Prolongs battery life due to low dropout.
* **Reference Voltage Sources:** Used for ADCs/DACs requiring stable voltage.
* **Communication Equipment:** Filtering noise for RF stages.
* **Microcontrollers:** Providing clean 3.3V or 5V rails.
---
## 5. Schematic Symbol Representation
```text
SOP-14 Package
+-------U-------+
1 | VIN VOUT | 14
2 | VIN VOUT | 13
3 | NC NC | 12
4 | EN GND | 11
5 | NC NC | 10
6 | NC NC | 9
7 | NC NC | 8
+---------------+
(Note: Specific pinouts may vary based
on the internal chip configuration.)
```
- ⤷
What is the exact fixed output voltage for the 'L' version of the LL204?
- ⤷ Can you provide the maximum input voltage rating for this LDO?
- ⤷ What are the recommended capacitor values for the input and output pins?