LK1-4-R
AI

The **LK1-4-R** refers to a high-current jumper (also known as a busbar jumper or shunt) manufactured by **Eaton (Coiltronics/Bussmann)**. It is primarily used in high-power electronic circuits for connecting trace paths or acting as a low-resistance link.
---
## 1. Technical Specifications
The "R" suffix typically denotes RoHS compliance. Below are the key electronic characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Current Rating** | Up to 50 Amperes |
| **Material** | Tin-plated Copper |
| **Resistance** | Extremely low (typically < 0.5 mΩ) |
| **Mounting Type** | Through-hole (PCB) |
| **Pin Configuration** | 4-pin arrangement |
| **Compliance** | RoHS Compliant |
---
## 2. Structural Components
The LK1-4-R is not a complex semiconductor; it is a passive mechanical component designed for electrical conductivity.
* **Substrate:** High-purity copper alloy for maximum conductivity and thermal dissipation.
* **Plating:** Tin (Sn) plating over the copper to prevent oxidation and ensure excellent solderability.
* **Form Factor:** It is designed with a specific "bridge" geometry to allow for clearance over other PCB traces if necessary, while providing four anchor points for physical stability.
---
## 3. Electronic Functions
The LK1-4-R serves three primary roles in an electronic assembly:
### A. High-Current Bridging
In power electronics (like UPS systems or motor controllers), standard PCB traces may not be thick enough to carry 50A without overheating. The LK1-4-R acts as a "bolt-on" or "solder-in" extension of the PCB’s copper layer.
### B. Circuit Configuration (Jumpering)
It can be used as a permanent "switch" to enable or disable specific power rails during the manufacturing phase. Unlike small logic jumpers, this is designed for power-stage configuration.
### C. Thermal Management
Because it is a solid piece of tin-plated copper, it acts as a small heat sink, helping to draw heat away from the PCB pads and into the ambient air.
---
## 4. Common Applications
* **Power Supplies:** Distributing high-current DC rails.
* **Automotive Electronics:** Heavy-duty power distribution blocks.
* **Battery Management Systems (BMS):** Connecting cell blocks or high-current shunts.
* **Industrial Controls:** Used in motor drives where high-current switching is required.
- ⤷
What is the maximum temperature rating for the LK1-4-R during operation?
- ⤷ Are there surface-mount (SMD) alternatives to the LK1-4-R through-hole jumper?
- ⤷ How does the voltage drop across an LK1-4-R compare to a standard 12 AWG wire?