công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LHRFSBKS2092-R2

  • AI
    The **LHRFSBKS2092-R2** is a specialized circuit board assembly typically associated with **commercial treadmill consoles** (often found in Life Fitness or similar gym equipment brands). It functions as the primary control or interface hub for the display unit. --- ## Technical Specifications & Components Below is a breakdown of the typical electronic architecture found on this specific PCB revision: | Component Category | Description | | :--- | :--- | | **Main Processor (MCU)** | Typically a 16-bit or 32-bit microcontroller responsible for handling user inputs and motor control signals. | | **Power Regulation** | Onboard step-down converters (Buck converters) to manage 12V/5V DC inputs from the motor controller. | | **I/O Connectivity** | RJ45 or Proprietary 10-pin headers used for communication with the Lower Control Board (LCB). | | **Interface Support** | Connectors for tactile buttons, heart rate monitors (Polar receivers), and safety key switches. | | **Storage** | EEPROM or Flash memory chips to store user settings, mileage, and error logs. | --- ## Key Electronic Features ### 1. Signal Communication The "R2" revision signifies a specific hardware update, likely improving signal integrity for the **RS-485 or PWM** communication protocol used to talk to the motor drive. This ensures that when a user presses "Speed Up," the signal is transmitted without latency. ### 2. Sensor Integration The board contains specific circuitry to process: * **RPM/Speed Feedback:** Opto-isolators to protect the logic board from voltage spikes from the motor. * **Heart Rate Logic:** A dedicated header for telemetric or contact heart rate sensors. * **Safety Interlock:** A hardware-level interrupt circuit for the magnetic safety key. ### 3. Protection Circuits To survive the high-static environment of a gym, the board includes: * **TVS Diodes:** For Electrostatic Discharge (ESD) protection. * **Decoupling Capacitors:** To filter out electrical noise generated by the treadmill’s drive motor. --- ## Common Failure Points If you are troubleshooting this specific board, check the following electronic parts: 1. **Electrolytic Capacitors:** Look for bulging or leaking, which causes intermittent power-offs. 2. **Communication ICs:** If the console displays a "Communication Error," the transceiver chip near the main harness is usually the culprit. 3. **Trace Corrosion:** Sweat can often seep into the console, causing oxidation on the fine copper traces near the button connectors.
    ✨ Follow-up Questions
    • ⤷ What are the common error codes associated with this board in Life Fitness equipment?
    • ⤷ How do I test the voltage rails on the LHRFSBKS2092-R2 using a multimeter?
    • ⤷ Is this board compatible with the R1 or R3 revisions of the same series?