công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LH-R

  • AI
    The **LH-R** series typically refers to a category of high-performance, long-range **Linear Hall-Effect Sensors** or specific types of **Brushless DC (BLDC) motor controllers** depending on the manufacturer (common in brands like Honeywell or RC electronic components). Below is a breakdown of the primary electronic components and systems typically found in LH-R series hardware. --- ## 1. Core Electronic Components Most LH-R components are built around the principle of magnetic field detection or high-frequency power switching. | Component | Function | Material/Tech | | :--- | :--- | :--- | | **Hall Element** | Converts magnetic flux into a voltage signal. | Gallium Arsenide (GaAs) or Indium Antimonide | | **Op-Amp** | Amplifies the micro-voltage from the sensor for processing. | Low-noise CMOS | | **MOSFETs** | High-speed switches used for power regulation. | N-Channel / P-Channel Logic Level | | **Voltage Regulator** | Ensures stable 3.3V or 5V logic supply. | LDO (Low Dropout) | | **EEPROM** | Stores calibration data and sensitivity curves. | I2C Serial Memory | --- ## 2. Technical Architecture The electronic design of an LH-R part is usually divided into three distinct stages: ### A. Sensing Layer The "R" in LH-R often denotes **Ratiometric** output. This means the output voltage is proportional to both the magnetic field strength and the supply voltage. * **Quiescent Voltage:** Usually set at 50% of $V_{cc}$. * **Sensitivity:** Measured in mV/G (millivolts per Gauss). ### B. Signal Conditioning Because the raw signal is weak, the internal circuitry includes: 1. **Chopper Stabilization:** Reduces offset voltage drift caused by temperature changes. 2. **Temperature Compensation:** A thermistor-based circuit that adjusts the gain as the part heats up. ### C. Output Stage * **Analog:** A continuous voltage signal. * **PWM (Pulse Width Modulation):** Common in digital LH-R variants for better noise immunity over long cables. --- ## 3. Circuit Integration Example To use an LH-R sensor in a project, the following wiring is standard: ```cpp // Example: Reading LH-R Sensor Data (Arduino/ESP32) int sensorPin = A0; // Connected to the Output pin of LH-R int rawValue = 0; float voltage = 0; void setup() { Serial.begin(9600); } void loop() { rawValue = analogRead(sensorPin); voltage = (rawValue * 5.0) / 1024.0; // Assuming 5V logic Serial.print("Sensor Output: "); Serial.println(voltage); delay(100); } ``` --- ## 4. Key Specifications When sourcing LH-R electronic parts, pay attention to these parameters: * **Supply Voltage ($V_{cc}$):** Typically 4.5V to 10.5V. * **Magnetic Range:** Usually ±500 Gauss to ±3000 Gauss. * **Bandwidth:** Usually around 20kHz to 80kHz for high-speed motor tracking.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Ratiometric and Non-Ratiometric LH-R sensors?
    • ⤷ How do I calibrate an LH-R sensor for high-temperature environments?
    • ⤷ Can LH-R sensors be used for non-contact current sensing?