công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LGJ2D331MEL

  • AI
    The **LGJ2D331MEL** is a high-quality aluminum electrolytic capacitor manufactured by **Nichicon**. It belongs to the **GJ series**, which is specifically designed for high reliability and compact size, often used in power supply applications. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Nichicon | | **Series** | GJ (High Reliability / Snap-in) | | **Capacitance** | 330 µF | | **Tolerance** | ±20% | | **Voltage Rating** | 200V DC | | **Temperature Range** | -25°C to +105°C | | **Lifetime** | 3000 Hours @ 105°C | | **Termination Style** | Snap-In (PC Pins) | | **Dimensions** | Approx. 22mm (Diameter) x 30mm (Length) | --- ### 2. Breakdown of the Part Number The alphanumeric code follows Nichicon's standard naming convention: * **LGJ**: The series identifier (High reliability, 105°C). * **2D**: The voltage code (**2D** represents **200 Volts**). * **331**: The capacitance code. The first two digits (33) are the base value, and the third (1) is the multiplier ($10^1$). Result: $330 \mu F$. * **MEL**: Packaging/Lead type and Case size code (Standard Snap-in terminals). --- ### 3. Core Features & Construction #### Design Architecture * **Aluminum Electrolytic:** Uses an electrolyte fluid and aluminum foil. This provides high capacitance in a relatively small volume. * **Snap-In Terminals:** Designed to "snap" into a Printed Circuit Board (PCB) hole patterns. This provides mechanical stability during the soldering process. * **Safety Vent:** Includes a pressure relief vent on the top of the canister to prevent explosion in case of overheating or electrical failure. #### Performance Characteristics 1. **High Ripple Current:** Designed to handle significant AC current superimposed on the DC voltage, which is common in rectification circuits. 2. **Thermal Stability:** Rated for 105°C, making it suitable for industrial environments where internal case temperatures may rise. 3. **Low ESR:** Optimized to have low Equivalent Series Resistance, reducing energy loss and heat generation. --- ### 4. Common Applications Due to its voltage rating (200V) and capacitance (330µF), this part is typically found in: * **Switch Mode Power Supplies (SMPS):** Acting as a bulk smoothing capacitor for the input stage. * **Motor Drives:** DC link capacitors for AC/DC conversion. * **LED Drivers:** High-power lighting controllers. * **Uninterruptible Power Supplies (UPS):** Energy storage and filtering. ---
    ✨ Follow-up Questions
    • ⤷ What are the direct equivalents for the LGJ2D331MEL from other manufacturers like Panasonic or United Chemi-Con?
    • ⤷ How does the ripple current rating of the GJ series compare to the standard GN series?
    • ⤷ What is the specific pitch (spacing) of the snap-in pins for this model?