LEDSL2DG
AI

Based on the part number provided, **LEDSL2DG** typically refers to a **Green Subminiature Surface Mount LED (SMD)**. These are widely used in circuit design for status indication, backlighting, and signal displays due to their compact size and low power consumption.
---
## Technical Specifications
The following table outlines the typical electrical and physical characteristics of this component category:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Color** | Green | - |
| **Material** | GaP / GaAlP | Semiconductor |
| **Forward Voltage ($V_F$)** | 2.1 - 2.4 | Volts (V) |
| **Forward Current ($I_F$)** | 20 | Milliamperes (mA) |
| **Luminous Intensity** | 10 - 25 | Millicandela (mcd) |
| **Viewing Angle** | 120 - 140 | Degrees (°) |
| **Package Size** | 0603 or 0805 | SMD Standard |
---
## Key Electronic Features
### 1. Polarity and Direction
Like all diodes, the **LEDSL2DG** is polarized. Current must flow from the **Anode (+)** to the **Cathode (-)** to emit light. On the physical package, the cathode is usually marked with a small green notch or a dot on the underside of the PCB.
### 2. Current Limiting Requirements
This LED cannot be connected directly to a power source (like a battery) without a **current-limiting resistor**. Without a resistor, the LED will draw too much current and burn out instantly.
**Example Calculation:**
If using a 5V supply and the LED has a forward voltage of 2.1V:
`R = (V_supply - V_forward) / I_target`
`R = (5V - 2.1V) / 0.02A = 145 Ohms`
### 3. Surface Mount Technology (SMT)
The "SL" in the prefix often denotes a **Subminiature** or **Small** lead configuration. These are designed for automated pick-and-place machines and reflow soldering, making them ideal for high-density circuit boards where space is a premium.
---
## Applications
* **Status Indicators:** Power-on lights for laptops, routers, or industrial panels.
* **LCD Backlighting:** Small screens or button illumination.
* **Consumer Electronics:** Handheld devices and wearable tech.
- ⤷
What is the exact package footprint (e.g.
- ⤷ 0603
- ⤷ 0805) for your specific LEDSL2DG variant?
- ⤷ How do I calculate the resistor value for a 3.3V power supply?
- ⤷ What are the soldering temperature requirements for this SMD LED?