công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LEDPRO70B

  • AI
    The **LEDPRO70B** is a professional-grade LED light fixture commonly used in photography, cinematography, and high-end security lighting. Its electronics are designed to provide stable illumination with high color fidelity and efficient thermal management. --- ### Core Electronic Components The device operates using a combination of high-efficiency semiconductor components and power regulation circuitry. | Component | Function | Technical Detail | | :--- | :--- | :--- | | **LED Array** | Light generation | High-CRI (Color Rendering Index) surface-mount LEDs. | | **Constant Current Driver** | Power Regulation | Ensures flicker-free performance by maintaining a steady amperage. | | **Dimming Module** | Control | Uses Pulse Width Modulation (PWM) or analog dimming. | | **Heat Sink / Thermal Pad** | Heat Management | Passive cooling design to protect semiconductor longevity. | | **DC Connector** | Power Input | Typically accepts 12V-15V DC input for battery or AC adapter use. | --- ### Key Technical Characteristics 1. **Driver Circuitry (Flicker-Free):** The LEDPRO70B utilizes a specialized driver that converts incoming power into a regulated output. This is crucial for video production, as it prevents the "banding" or strobing effect visible when recording at high shutter speeds. 2. **Color Temperature Stability:** The internal resistors and voltage regulators are calibrated to ensure that as the unit heats up, the color temperature (measured in Kelvin) remains consistent across the entire dimming range. 3. **Circuit Protection:** The PCB (Printed Circuit Board) typically includes: * **Over-Voltage Protection (OVP):** Prevents damage from incorrect power supplies. * **Thermal Cut-off:** A safety feature that throttles power if the internal temperature exceeds safe operating limits. --- ### Power Consumption and Efficiency The "70" in the model name often refers to the wattage or specific lumen output category. * **Operating Voltage:** 12V - 18V DC. * **Efficiency:** High-quality LEDs convert approximately 80-90% of energy into light, with the remainder lost as heat. * **Control Interface:** Often features a physical potentiometer (dial) or a digital touch-interface linked to a microprocessor for precise output control. ---
    ✨ Follow-up Questions
    • ⤷What is the specific CRI rating for the LEDPRO70B?
    • ⤷ Can the LEDPRO70B be powered by V-Mount batteries?
    • ⤷ Does the LEDPRO70B support DMX control for studio integration?