công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LEDINSPECTPROFESSIONAL150

  • AI
    The **OSRAM LEDinspect PRO 150** (specifically the Slimline or professional inspection lamp series) is a high-performance tool designed for automotive maintenance. Its electronic architecture focuses on thermal management, battery efficiency, and light output consistency. ### 1. Light Source Components The device utilizes high-grade Surface Mounted Device (SMD) LEDs to balance lumen output with energy consumption. | Component | Specification/Function | | :--- | :--- | | **Main Light** | 150 Lumens (high mode) / 75 Lumens (low mode) | | **Torch Light** | Integrated spotlight on the top (approx. 35-50 Lumens) | | **Color Temperature** | 6000K (Cool White) for high-contrast viewing | | **CRI** | High Color Rendering Index to distinguish wire colors and fluid leaks | --- ### 2. Internal Electronic Circuitry The "Professional" designation implies the presence of a constant current driver rather than simple resistors. * **LED Driver:** Regulates the voltage to ensure the brightness does not dim as the battery voltage drops. * **Thermal Control:** Internal sensors prevent the LEDs from overheating, which extends the lifespan of the semiconductor material. * **Switching Logic:** A micro-controller manages the "Cycling" of modes (High -> Low -> Torch -> Off) via a single tactile switch. --- ### 3. Power Supply and Charging The electronics are centered around a rechargeable Lithium-ion system, which is superior to NiMH in terms of weight and discharge rates. ```json { "Battery_Type": "Lithium-ion (Li-ion)", "Voltage": "3.7V", "Capacity": "Typical 1800mAh - 2000mAh", "Charging_Port": "Micro-USB / USB-C (depending on production year)", "Charge_Time": "Approx. 3 hours" } ``` * **BMS (Battery Management System):** Prevents overcharging, deep discharge, and short circuits. * **Charge Indicator:** Uses a Bi-color LED (Red/Green) to communicate the state of charge to the user. --- ### 4. Physical-Electronic Integration The electronics are housed in a way that supports the "Professional" rating (IP44 or IK08): 1. **Gaskets:** Seal the electronic cavity against dust and splashing water. 2. **Shock Mounting:** The PCB (Printed Circuit Board) is usually secured with vibration-dampening mounts to survive drops in a workshop environment.
    ✨ Follow-up Questions
    • ⤷ How does the constant current driver differ from a standard resistor circuit in LEDs?
    • ⤷ What are the specific IP and IK ratings for the LEDinspect series?
    • ⤷ Can the Li-ion battery in this model be replaced by the user?