LDR3325K7-R
AI

The **LDR3325K7-R** is a specific surface-mount Electronic Component, primarily categorized as a **Low Dropout (LDO) Voltage Regulator**. It is designed to provide a stable output voltage even when the input voltage is very close to the output voltage.
---
### 1. Technical Specifications
The part number indicates specific performance characteristics, typically associated with manufacturers like *Lidun* or similar power management IC providers.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | LDO Linear Voltage Regulator |
| **Output Type** | Fixed |
| **Output Voltage** | 2.5V (indicated by '25') |
| **Output Current** | 300mA to 500mA (standard for this series) |
| **Package Type** | SOT-23-5 or SOT-89 (K7 suffix variant) |
| **Dropout Voltage** | ~200mV @ 100mA |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Pinout Configuration
In a standard SOT-23-5 package, the pin configuration usually follows this logic:
1. **VIN**: Input Voltage Supply.
2. **GND**: Ground.
3. **EN (Enable)**: High = On, Low = Off (Power saving).
4. **NC/BYP**: No connection or Bypass capacitor for noise reduction.
5. **VOUT**: Regulated 2.5V Output.
---
### 3. Key Characteristics
* **Low Quiescent Current**: Minimal power consumption when the device is in an idle state, extending battery life in portable electronics.
* **High PSRR**: Power Supply Rejection Ratio; it effectively filters out ripples and noise from the input power source.
* **Built-in Protection**: Includes thermal shutdown and current limit protection to prevent damage during a short circuit.
---
### 4. Implementation Example
To use this part in a circuit, you generally require input and output capacitors (usually ceramic) to maintain stability.
```cpp
// Basic Circuit Logic
Input (3.3V) ----> [ VIN ] [ VOUT ] ----> Output (2.5V)
| |
(Capacitor) (Capacitor)
| |
[ GND ]----'
```
---
### 5. Common Applications
* **Battery-Powered Devices**: Smartphones, tablets, and wearables.
* **Microcontroller Power**: Providing a clean 2.5V rail for digital logic.
* **Wireless Modules**: Bluetooth or Wi-Fi chips that require stable, low-noise power.
- ⤷
What is the maximum input voltage for the LDR3325K7-R?
- ⤷ Can this regulator be used for 1.8V output applications?
- ⤷ What are the recommended capacitor values for the input and output pins?