công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LD29080PT-R

  • AI
    ## Overview of the LD29080PT-R The **LD29080PT-R** is a high-performance, low-dropout (LDO) linear voltage regulator. It is designed to provide a stable output voltage while maintaining a very low difference between the input and output voltages (dropout voltage), making it ideal for battery-powered and high-efficiency electronic applications. --- ### 1. Key Technical Specifications | Parameter | Value / Description | | :--- | :--- | | **Output Current** | Up to 800 mA | | **Dropout Voltage** | Typically 400 mV at 800 mA | | **Input Voltage Range** | Up to 13 V | | **Output Voltage Type** | Fixed or Adjustable (Part number suffix dependent) | | **Operating Temperature** | -40°C to 125°C | | **Package Type** | PPAK (PowerSO-10 or DPAK depending on variant) | | **Protection Features** | Internal Current and Thermal Limit | --- ### 2. Core Electronic Characteristics #### A. Low Dropout Voltage The standout feature is its ability to regulate voltage even when the input voltage is only slightly higher than the desired output. This minimizes power dissipation ($P = I \times V_{dropout}$) and reduces heat. #### B. Quiescent Current It features low quiescent current ($I_q$), which is the current consumed by the device itself to operate. This is critical for standby modes in consumer electronics to preserve battery life. #### C. Stability Requirements To ensure the internal feedback loop remains stable, the LD29080 typically requires an output capacitor. * **Capacitor Type:** Usually requires a tantalum or electrolytic capacitor. * **ESR (Equivalent Series Resistance):** The device is sensitive to the ESR of the output capacitor; specific ranges must be met to prevent oscillation. --- ### 3. Pin Configuration (Typical PPAK/DPAK) | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Unregulated Input Voltage | | 2 | **GND** | Ground (Connected to the heat sink tab) | | 3 | **VOUT** | Regulated Output Voltage | | 4 | **ADJ/NC** | Adjust pin (for variable versions) or No Connection | --- ### 4. Common Applications 1. **Post-Regulation for Switching Supplies:** Used to clean up the noise/ripple generated by DC-DC buck converters. 2. **Battery Powered Equipment:** Maximizes usage time by operating down to very low battery voltages. 3. **Microprocessor Power:** Provides clean, stable 1.8V, 2.5V, or 3.3V rails for sensitive digital logic. 4. **Telecommunications:** Used in low-noise signal processing circuits. --- ### 5. Implementation Example Below is a simple representation of how to wire a fixed-output LD29080PT-R: ```text [Input Voltage] ----+----[ VIN ] [ VOUT ]----+---- [ Regulated Output ] | | [Cin] [Cout] | | [ Ground ] ---------+----[ GND ]----------------+---- [ Ground ] ``` * **Cin:** Typically 0.1µF to 1µF ceramic for high-frequency filtering. * **Cout:** Typically 10µF (ensure ESR matches datasheet specifications).
    ✨ Follow-up Questions
    • ⤷ What is the specific ESR range required for the output capacitor to ensure stability?
    • ⤷ How does the LD29080PT-R compare to the LD1117 in terms of dropout voltage?
    • ⤷ Is there a version of this IC with an Enable/Inhibit pin for power sequencing?