LD1085D2T25-R
AI

## Technical Overview: LD1085D2T25-R
The **LD1085D2T25-R** is a high-performance, Low Dropout (LDO) positive voltage regulator designed to provide a stable output voltage with high efficiency. It belongs to the LD1085 series manufactured by STMicroelectronics.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.5V (Fixed) |
| **Input Voltage (Max)** | 30V |
| **Output Current** | Up to 3A |
| **Dropout Voltage** | Typ. 1.3V @ 3A |
| **Package Type** | D2PAK (TO-263) |
| **Operating Temperature** | -40°C to 125°C |
| **Voltage Regulation** | ±1% Accuracy |
---
### 2. Core Features
* **High Current Capability:** Capable of delivering up to 3A, making it suitable for high-power digital circuits.
* **Low Dropout:** Unlike standard regulators (like the 7805), the LD1085 requires a much smaller difference between input and output voltage to function.
* **Internal Protection:**
* **Current Limiting:** Protects the device during overload conditions.
* **Thermal Shutdown:** Shuts down the device if the junction temperature exceeds safe limits.
* **Pin Compatibility:** It is pin-to-pin compatible with standard adjustable and fixed-voltage regulators in the 1085 family.
---
### 3. Pin Configuration (D2PAK)
The D2PAK is a surface-mount package. The pinout is typically as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | **GND** | Ground connection. |
| **2 / Tab** | **V_OUT** | Regulated 2.5V output (The tab is also V_OUT). |
| **3** | **V_IN** | Unregulated input voltage. |
---
### 4. Application Circuit Example
To ensure stability and reduce noise, external capacitors are required.
```markdown
V_IN ----[ C_IN: 10uF ]----( LD1085 Pin 3 )
( LD1085 Pin 2 )----[ C_OUT: 10uF Tantalum ]---- V_OUT (2.5V)
( LD1085 Pin 1 )---- GND
```
**Note:** For the LD1085, the output capacitor ($C_{OUT}$) is critical for stability. A minimum of 10µF (typically Tantalum or low-ESR Electrolytic) is recommended.
---
### 5. Common Use Cases
1. **Post-Regulation:** Used after a switching power supply to provide a very "clean" (low noise) 2.5V rail.
2. **Microprocessors/FPGAs:** Powering the I/O or core logic of chips requiring high current at 2.5V.
3. **Battery Powered Systems:** Efficiency gains due to the low dropout voltage.
- ⤷
What are the specific ESR requirements for the output capacitor to ensure stability?
- ⤷ How does the thermal resistance of the D2PAK package affect the maximum power dissipation?
- ⤷ Can this regulator be used in a parallel configuration to increase current output beyond 3A?