LD1085D2M28-R
AI

### Electronic Analysis of LD1085D2M28-R
The **LD1085D2M28-R** is a high-performance, low-dropout (LDO) positive voltage regulator. It is designed to provide a stable, fixed output voltage while handling significant current loads.
---
### 1. Key Technical Specifications
Below are the primary electrical characteristics for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage (Fixed)** | 2.85 V |
| **Maximum Output Current** | 3.0 A |
| **Dropout Voltage (Typical)** | 1.3 V @ 3A |
| **Input Voltage (Maximum)** | 30 V |
| **Package Type** | D2PAK (TO-263) |
| **Operating Temperature** | -40°C to 125°C |
| **Line Regulation** | 0.015% (Typical) |
| **Load Regulation** | 0.1% (Typical) |
---
### 2. Functional Description
The LD1085 series is an upgrade over standard 3-terminal regulators (like the LM317 or 78xx series) due to its efficiency and current capability.
* **Low Dropout Performance:** Unlike standard regulators that require a 2V-3V difference between input and output, this device functions with a much smaller "overhead," reducing heat dissipation and power waste.
* **Internal Protection:** It includes internal current limiting and thermal shutdown protection, making it robust against short circuits or overheating.
* **Pin Configuration:**
1. **GND:** Ground connection.
2. **Vout:** Regulated 2.85V output (connected to the large metal tab).
3. **Vin:** Unregulated input voltage.
---
### 3. Application Use Cases
The **2.85V fixed output** is particularly specific. It is commonly used in:
* **SCSI-2 Active Termination:** Providing the necessary voltage levels for older high-speed data buses.
* **Battery Powered Logic:** Supplying steady power to 2.8V-rated microcontrollers or sensors.
* **Post-Regulation:** Cleaning up noise from switching power supplies for sensitive analog circuits.
---
### 4. Circuit Implementation Requirements
To ensure stability and performance, the following external components are typically required:
```c
// Typical Connection Diagram
[Input Voltage] ----> [Vin (Pin 3)] ----+---- [Vout (Pin 2)] ----> [2.85V Load]
| | |
[10uF Capacitor] | [10uF Tantalum Cap]
| | |
[Ground] ----------------+--------------+-----------+
```
* **Input Capacitor:** A 10µF electrolytic or ceramic capacitor is recommended to bypass line noise.
* **Output Capacitor:** A minimum of 10µF (usually Tantalum) is **required** for stability. The ESR (Equivalent Series Resistance) of this capacitor is critical to prevent oscillation.
- ⤷
What is the maximum power dissipation for the D2PAK version of this regulator?
- ⤷ Can I use a ceramic capacitor instead of a tantalum capacitor for the output?
- ⤷ How does the dropout voltage change if the load current is only 1A instead of 3A?