LD1085D2M25-R
AI

### LD1085D2M25-R Overview
The **LD1085D2M25-R** is a low-drop voltage regulator capable of providing up to 3 A of output current. It is part of the LD1085 series produced by STMicroelectronics, designed to provide high efficiency and high current output for various electronic circuits.
---
### Key Technical Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 2.5 V (Fixed) |
| **Maximum Output Current** | 3.0 A |
| **Dropout Voltage** | 1.3 V (typical at 3 A) |
| **Input Voltage (Max)** | 30 V |
| **Package Type** | D2PAK (TO-263) |
| **Operating Temperature** | -40°C to 125°C |
| **Protection Features** | Internal Current and Thermal Limit |
---
### Detailed Part Number Breakdown
Understanding the suffix codes helps identify specific variants of the component:
* **LD1085**: The series name (High current, low dropout regulator).
* **D2M**: Refers to the physical package, specifically the **D2PAK** (Surface mount).
* **25**: Indicates the fixed output voltage of **2.5V**.
* **-R**: Indicates **Tape and Reel** packaging for automated assembly.
---
### Internal Features and Protections
The LD1085D2M25-R is engineered for durability and precision in power management:
1. **Low Dropout (LDO) Performance:** Unlike standard linear regulators (like the 7805), this part requires a much smaller difference between input and output voltage to function properly, reducing heat dissipation.
2. **Current Limiting:** Protects the regulator and the load in the event of a short circuit or overcurrent condition.
3. **Thermal Shutdown:** The device will automatically turn off if its internal junction temperature exceeds safe limits (typically around 150°C).
4. **Pinout Configuration:**
* **Pin 1:** Ground
* **Pin 2 / Tab:** Output (2.5V)
* **Pin 3:** Input
---
### Typical Application Circuit
To ensure stability, a minimum capacitor value is required at the output. A 10µF tantalum or larger electrolytic capacitor is typically recommended.
```c
// Basic Circuit Representation
[Input Voltage] ----> (Pin 3: Vin) [LD1085D2M25-R] (Pin 2: Vout) ----> [2.5V Output]
|
(Pin 1: GND)
|
[Common Ground]
```
---
- ⤷
What are the main differences between the LD1085 and the LD1117 series?
- ⤷ What is the recommended input voltage range for optimal efficiency with this 2.5V regulator?
- ⤷ Can this part be used in parallel to increase the output current beyond 3A?