LD1085D2M12-R
AI

The **LD1085D2M12-R** is a high-performance, low-dropout (LDO) positive voltage regulator manufactured by STMicroelectronics. It belongs to the LD1085 series and is designed to provide high current with high efficiency.
---
### ## Technical Specifications Overview
The following table summarizes the key electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 1.2V (Fixed) |
| **Output Current** | Up to 3.0 Amps |
| **Input Voltage (Max)** | 30V |
| **Dropout Voltage** | 1.3V (Typ) at 3A |
| **Package Type** | D2PAK (TO-263) |
| **Operating Temperature** | -40°C to +125°C |
| **Protection Features** | Internal Current & Thermal Limit |
---
### ### Key Features and Functionality
1. **High Current Capability**: Unlike standard regulators (like the 78xx series), the LD1085 can deliver up to **3 Amps**, making it suitable for high-power digital circuits.
2. **Low Dropout (LDO)**: The "dropout" is the minimum difference between input and output voltage required for regulation. At full load, it only requires ~1.3V to 1.5V headroom.
3. **Fixed Output**: This specific model (M12) is internally trimmed to a precise **1.2V**, eliminating the need for external voltage-divider resistors.
4. **D2PAK Package**: The surface-mount D2PAK provides excellent thermal dissipation, which is critical for a 3A linear regulator.
---
### ### Typical Application Circuit
When implementing the LD1085D2M12-R, capacitors are required for stability and noise filtering.
```c
[Input Voltage (e.g. 3.3V)] ----+---- [ VIN ] ---- [ VOUT ] ----+---- [ 1.2V Output ]
| | | |
[C1] [ GND ] [C2] [Load]
| | | |
--------------------------------+--------+------------+--------+---- [ Ground ]
```
* **C1 (Input Capacitor):** 10µF (Tantalum or Electrolytic) to filter supply noise.
* **C2 (Output Capacitor):** 10µF or larger is **mandatory** for stability. LDOs require a specific ESR (Equivalent Series Resistance) range to prevent oscillation.
---
### ### Common Use Cases
* **Core Power for FPGAs/ASICs**: Many modern processors require a 1.2V rail for their core logic.
* **Post-Regulation**: Used after a switching regulator to provide a clean, low-noise ripple-free supply.
* **High Current Logic Boards**: For driving heavy digital loads that exceed 1A.
- ⤷
What is the maximum power dissipation for the D2PAK version of this regulator?
- ⤷ Can I use ceramic capacitors for the output (C2) without stability issues?
- ⤷ How does the LD1085 compare to the LD1117 in terms of performance?