công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LCS2-02-R/Q

  • AI
    The **LCS2-02-R/Q** is a high-performance, single-output DC-DC converter module, typically utilized in industrial and telecommunications applications where isolation and tight voltage regulation are required. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The LCS2 series is known for its compact footprint and high efficiency. The "R/Q" suffix usually denotes specific pin configurations or thermal enhancements (Quarter-brick format). | Parameter | Typical Value / Range | | :--- | :--- | | **Input Voltage Range** | 18V - 36V or 36V - 75V (Model dependent) | | **Output Voltage** | 2.0V DC (Fixed) | | **Output Current** | Up to 20A - 40A (Varies by thermal cooling) | | **Efficiency** | ~88% to 92% | | **Isolation Voltage** | 1500V DC - 2250V DC | | **Form Factor** | Quarter-Brick (approx. 2.28" x 1.45") | --- ### 2. Core Electronic Components & Architecture The internal circuitry consists of several critical stages designed for power density and stability: * **Input Filter:** Includes an internal LC filter to minimize reflected ripple current back to the primary power source. * **PWM Controller:** A high-frequency pulse-width modulation chip that manages the switching duty cycle to maintain a steady 2.0V output regardless of load changes. * **Power MOSFETs:** Synchronous rectification is employed (using MOSFETs instead of diodes on the output) to significantly reduce conduction losses and heat. * **Isolation Barrier:** Uses a high-frequency transformer to provide galvanic isolation between the input and output stages. * **Control Loop:** Features an optocoupler or digital isolator to provide feedback from the output back to the primary controller while maintaining isolation. --- ### 3. Pin Functionality The module typically features the following pins for integration onto a PCB: | Pin Name | Function | Description | | :--- | :--- | :--- | | **+Vin / -Vin** | Input Power | Positive and Negative supply inputs. | | **ON/OFF** | Remote Control | Enables or disables the converter via logic signal. | | **+Vout / -Vout** | Output Power | Regulated 2.0V DC output. | | **Trim** | Voltage Adjust | Allows the user to adjust the output voltage (±10%) via an external resistor. | | **Sense (+/-)** | Remote Sensing | Compensates for voltage drops across PCB traces to the load. | --- ### 4. Protection Features To ensure the longevity of the electronic parts, the LCS2-02-R/Q includes: 1. **Over-Current Protection (OCP):** "Hiccup mode" during a short circuit. 2. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds safe limits. 3. **Over-Temperature Protection (OTP):** Thermal shutdown if the internal baseplate exceeds operating limits (usually around 100°C - 110°C). 4. **Under-Voltage Lockout (UVLO):** Prevents the module from starting if the input voltage is too low.
    ✨ Follow-up Questions
    • ⤷What are the specific resistor values needed for the Trim pin adjustment?
    • ⤷ How does the synchronous rectification in this module improve efficiency compared to standard diodes?
    • ⤷ What is the recommended thermal management (heatsink vs airflow) for the Q-type package?