công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LCS-5B-R/K

  • AI
    The **LCS-5B-R/K** is a precision load cell signal conditioner (often categorized as a digital indicator or weighing controller) manufactured by **Unipulse**. It is designed to convert low-voltage signals from strain gauge load cells into readable weight data and control outputs. Below is an explanation of its electronic components and specifications. --- ### 1. Core Electronic Components & Architecture The device functions through a high-precision analog-to-digital processing chain: | Component | Function | | :--- | :--- | | **Excitation Circuit** | Provides a stable DC voltage (usually 5V or 10V) to the load cell bridge. | | **Analog Front-End (AFE)** | A high-gain instrumentation amplifier that boosts the mV signal from the load cell. | | **A/D Converter** | A high-resolution Delta-Sigma converter (typically 24-bit) that digitizes the analog signal. | | **Microcontroller (MCU)** | Processes the digital signal, handles calibration data, and manages the display. | | **Output Stage** | Contains opto-isolated transistors or relays for setpoint control (R/K models). | --- ### 2. Technical Specifications The "R/K" suffix usually denotes specific output configurations (such as Relay or Sink/Source outputs). | Feature | Specification | | :--- | :--- | | **Input Sensitivity** | 0.3 mV/V to 3.0 mV/V | | **Sampling Rate** | High-speed processing (often up to 100 times/sec) | | **Display** | 5-digit LED (typically red) for weight visualization | | **Communication** | Often features RS-232C or RS-485 for PLC/PC interfacing | | **Power Supply** | AC 100V-240V or DC 24V (depending on the sub-model) | --- ### 3. Wiring and Interface (I/O) The LCS-5B series uses a specific pinout for the load cell connection to ensure signal integrity: 1. **EXC+ / EXC-**: Positive and Negative Excitation power to the load cell. 2. **SIG+ / SIG-**: Positive and Negative Signal input from the load cell. 3. **SHIELD**: Grounding to prevent Electromagnetic Interference (EMI). 4. **Control I/O**: * **Inputs**: Zero, Tare, and Start/Stop commands. * **Outputs**: Limit signals (HI, OK, LO) used for automated filling or weighing. --- ### 4. Key Features for Electronic Integration * **Digital Filtering:** Electronic noise reduction via software filters to stabilize readings in vibrating environments. * **Auto-Zero Tracking:** Compensates for electronic drift over time or temperature changes. * **Watchdog Timer:** An internal electronic circuit that resets the MCU if a software crash occurs, ensuring industrial reliability.
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the LCS-5B-R load cell connector?
    • ⤷ How do I calibrate the LCS-5B-R using the front panel buttons?
    • ⤷ What are the differences between the 'R' and 'K' output versions?