LCS-5055-R
AI

The **LCS-5055-R** is an industrial-grade **Serial-to-Ethernet Device Server** (often referred to as an RS-232 to Ethernet Converter). Its primary electronic function is to bridge the gap between legacy serial communication and modern network infrastructure.
---
### Core Electronic Components and Specifications
| Component Category | Specification / Detail |
| :--- | :--- |
| **Processor/Chipset** | Integrated CPU designed for TCP/IP stack processing and serial data buffering. |
| **Serial Interface** | 1 x DB9 Male port supporting **RS-232** standards. |
| **Ethernet Port** | 10/100 Mbps Auto-sensing RJ45 port. |
| **Power Input** | Typically supports 9V - 30V DC (Industrial wide-range input). |
| **Signals Supported** | TXD, RXD, RTS, CTS, DTR, DSR, DCD, GND. |
| **Protection** | 15KV ESD Protection for serial signals. |
---
### Technical Architecture
#### 1. The Serial Controller (RS-232)
The internal circuitry includes a **UART (Universal Asynchronous Receiver-Transmitter)** and a level shifter. Since standard microchips operate at 3.3V or 5V, the level shifter converts these to the +/- 12V signals required by the RS-232 standard.
#### 2. Network Processor
This part of the board handles the **encapsulation**. It takes the raw serial data bytes and wraps them into TCP or UDP packets. It supports various modes:
* **Virtual COM Mode:** Makes the remote device appear as a local COM port on a PC.
* **TCP Server/Client:** Establishes a direct socket connection.
* **UDP Mode:** For low-latency, broadcast-style data transmission.
#### 3. Power Management and Isolation
To ensure reliability in industrial environments, the LCS-5055-R features:
* **Voltage Regulation:** Steps down the input DC voltage to the internal logic levels.
* **Surge Protection:** Electronic components (TVS diodes) that protect the internal logic from static electricity (ESD) or voltage spikes on the serial line.
---
### Physical Interface Pinout (DB9 Male)
| Pin | Signal | Description |
| :--- | :--- | :--- |
| 2 | RXD | Receive Data |
| 3 | TXD | Transmit Data |
| 5 | GND | Ground |
| 7 | RTS | Request to Send |
| 8 | CTS | Clear to Send |
---
### LED Diagnostic Indicators
The device uses small LED components to communicate the electronic status:
* **Power:** Indicates internal DC power is stable.
* **Link/ACT:** Shows Ethernet connectivity and data traffic.
* **Serial RX/TX:** Flashes when data is physically moving through the DB9 port.
- ⤷How do I configure the IP address for the LCS-5055-R?
- ⤷ What is the maximum baud rate supported by this device?
- ⤷ Does it support RS-485 or only RS-232?