LCS-22112-R
AI

The **LCS-22112-R** is a specific surface-mount (SMD) sliding switch commonly used in consumer electronics, telecommunications, and industrial control interfaces. It belongs to the family of sub-miniature slide switches.
---
### 1. Technical Specifications
Below are the primary electronic and mechanical characteristics of the LCS-22112-R.
| Parameter | Specification |
| :--- | :--- |
| **Circuit Type** | DPDT (Double Pole Double Throw) |
| **Switch Function** | ON-ON (2-Position) |
| **Current Rating** | 0.3A at 6V DC (Typical) |
| **Contact Resistance** | ≤ 70mΩ |
| **Insulation Resistance** | ≥ 100MΩ (at 500V DC) |
| **Dielectric Strength** | 500V AC for 1 minute |
| **Actuator Height** | ~2.0mm (standard) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Physical Construction
The part is designed for high-density PCB layouts where space is limited.
* **Housing:** High-temperature thermoplastic (usually LCP or Nylon) capable of withstanding reflow soldering temperatures.
* **Contacts:** Silver-plated or Gold-flashed copper alloy to ensure low contact resistance and prevent oxidation.
* **Terminals:** Gull-wing or J-bend leads for surface mounting.
* **Slider/Actuator:** Usually made of POM or similar friction-resistant plastic.
---
### 3. Pin Configuration (DPDT)
As a **DPDT** switch, the LCS-22112-R controls two separate circuits simultaneously. Each "pole" has one common terminal and two throw terminals.
```text
Terminal Layout (Simplified):
[ 1 ] [ 2 ] [ 3 ] <-- Pole A
[ 4 ] [ 5 ] [ 6 ] <-- Pole B
Position 1: Pin 2 connects to 1; Pin 5 connects to 4.
Position 2: Pin 2 connects to 3; Pin 5 connects to 6.
```
---
### 4. Common Applications
Due to its small footprint and reliable switching, it is frequently found in:
1. **Handheld Devices:** Power on/off switches or mode selectors.
2. **Audio Equipment:** Selecting between Mono/Stereo or Gain levels.
3. **Wearables:** Reset switches or user interface toggles.
4. **PC Peripherals:** Wireless mouse power switches or keyboard mode toggles.
---
### 5. Soldering Guidelines
Since this is an SMD component, it is sensitive to heat and flux migration.
* **Reflow Soldering:** Peak temperature should not exceed 260°C for 10 seconds.
* **Flux Precaution:** Avoid using excessive flux as it can seep inside the switch body and cause contact failure.
- ⤷What are the footprint dimensions for the LCS-22112-R PCB layout?
- ⤷ Are there waterproof versions of this DPDT slide switch?
- ⤷ What is the mechanical life expectancy (cycles) for this part?