AI

The **LCS-12E-R** is a specific electronic component, typically categorized as an **Electromagnetic Buzzer** or an **Audio Transducer**, often manufactured by companies like **Kingstate** or **Star Micronics**. It is designed to provide audible feedback in electronic circuits.
Below is a breakdown of its technical specifications and electronic characteristics.
---
### 1. Technical Specifications
The following table summarizes the typical electronic parameters for the LCS-12E-R:
| Parameter | Value |
| :--- | :--- |
| **Type** | Magnetic Transducer (External Drive) |
| **Rated Voltage** | 1.5V DC |
| **Operating Voltage** | 1.0V ~ 2.0V DC |
| **Current Consumption** | Max 30mA |
| **Sound Pressure Level (SPL)** | Min 85dB (at 10cm) |
| **Resonant Frequency** | 2,400 Hz |
| **Coil Resistance** | 16Ω ± 3Ω |
| **Mounting Type** | Through-hole (Pins) |
| **Operating Temperature** | -25°C to +70°C |
---
### 2. Internal Structure and Mechanism
The LCS-12E-R operates on electromagnetic principles rather than piezoelectric ones. It consists of:
* **A Permanent Magnet:** Provides a static magnetic field.
* **An Electromagnetic Coil:** Creates a varying magnetic field when an oscillating current passes through it.
* **A Metal Diaphragm:** Attracted and released by the magnetic field, causing it to vibrate and create sound waves.
---
### 3. Electronic Driving Circuit
Unlike a "Self-Drive" buzzer, the **LCS-12E-R is an "External Drive" type**. This means it does not have a built-in oscillation circuit. To produce sound, you must provide a **square wave** at its resonant frequency (typically 2,400 Hz).
#### Example Arduino/Microcontroller Connection
Because the current draw is around 30mA, it is often safer to drive it through a transistor (like a 2N2222) rather than directly from a GPIO pin.
```cpp
// Simple Arduino Code to drive LCS-12E-R
int buzzerPin = 9; // Connect to Base of Transistor
void setup() {
pinMode(buzzerPin, OUTPUT);
}
void loop() {
// Generate a 2400Hz tone
tone(buzzerPin, 2400);
delay(1000);
noTone(buzzerPin);
delay(1000);
}
```
---
### 4. Key Considerations for Design
* **Polarity:** Most LCS series buzzers are polarized. The positive (+) terminal must be connected to the high side of the circuit.
* **Driving Signal:** For maximum volume (SPL), the input signal should be a square wave at the rated resonant frequency.
* **Protection:** It is recommended to place a **flyback diode** in parallel with the buzzer if driving it via a transistor to protect against voltage spikes from the coil's inductance.
---
- ⤷What is the difference between the LCS-12E-R and a piezo buzzer?
- ⤷ Can I drive the LCS-12E-R directly from a 5V power supply?
- ⤷ Which transistor is best suited for driving this magnetic transducer?