AI

The **LCS-122-R/E** is a specific model of an **Optical Liquid Level Sensor** (Photoelectric type), typically manufactured by companies like **Levitronix** or specialized industrial sensor firms. It is designed for non-contact or high-purity chemical level sensing.
---
## 1. Technical Specifications
The following table outlines the core electronic and physical parameters of the LCS-122-R/E:
| Parameter | Specification |
| :--- | :--- |
| **Sensing Method** | Photoelectric / Optical Beam |
| **Output Type** | Relay Output (Form C or standard NO/NC) |
| **Power Supply** | Usually 12V - 24V DC (Model dependent) |
| **Material** | PFA / PTFE (for high chemical resistance) |
| **Connection** | Typically 3-wire or 5-wire configuration |
| **Mounting** | External tube mounting (non-invasive) |
---
## 2. Key Electronic Components & Functions
### A. Infrared Emitter and Receiver
The core of the device consists of an IR LED and a Phototransistor.
* **The Emitter:** Sends a beam of light through the tube or vessel.
* **The Receiver:** Detects the intensity of the light passing through. When liquid fills the space, the light refracts differently, triggering the electronics to change the output state.
### B. Signal Conditioning Circuit
Internal circuitry processes the analog signal from the receiver. It includes:
* **Comparator:** Compares the received light voltage against a preset threshold to determine if liquid is "Present" or "Absent."
* **Hysteresis Control:** Prevents "chattering" (rapid switching) if the liquid surface is turbulent or bubbling.
### C. Output Stage (The "R" in the model)
The **"R"** usually designates a **Relay Output**.
* Unlike NPN/PNP transistors which output a small voltage, the relay output acts as a dry contact switch.
* This allows the sensor to directly control higher power loads, such as small pumps, solenoid valves, or industrial PLC inputs, without needing an external amplifier.
---
## 3. Wiring Configuration
While you should always consult the specific datasheet for your serial number, the standard 5-wire electronic color code for these sensors is often:
```markdown
1. Brown: +VDC (Power Supply)
2. Blue: 0V (Ground)
3. White: Relay Common (COM)
4. Black: Relay Normally Open (NO)
5. Gray: Relay Normally Closed (NC)
```
---
## 4. Application Advantages
* **Chemical Compatibility:** Because the electronics are housed in PFA/PTFE, it can handle ultra-pure chemicals (CMP slurries, acids) without contamination.
* **Galvanic Isolation:** The relay output provides electrical isolation between the sensor's power circuit and the device it is controlling.
---
- ⤷What is the maximum switching current for the LCS-122-R/E relay?
- ⤷ How do I calibrate the sensitivity for different tube wall thicknesses?
- ⤷ Can this sensor detect opaque liquids like CMP slurry?