LCS-02-R/E
AI

The **LCS-02-R/E** is a specific model within a series of **Miniature Snap-Action Micro Switches**. These components are widely used in industrial control, automotive, and consumer electronics for sensing physical presence or position.
Below is the detailed breakdown of its electronic specifications and characteristics.
---
### 1. Technical Specifications
The "LCS" series is defined by its small form factor and high reliability.
| Feature | Specification |
| :--- | :--- |
| **Switch Type** | Snap-Action Micro Switch |
| **Current Rating** | 0.1A to 5A (Depending on specific load type) |
| **Voltage Rating** | Typically 125V AC / 250V AC |
| **Circuitry** | SPDT (Single Pole Double Throw) |
| **Operating Force** | Low to Medium Force (Standard for LCS series) |
| **Mounting Type** | Through-hole / PCB Mount |
### 2. Part Number Breakdown (LCS-02-R/E)
To understand the specific electronic parts, we decode the suffix:
* **LCS**: Series Name (Subminiature Snap Switch).
* **02**: Typically denotes the **Electrical Rating** (e.g., 0.1 Amp for gold-plated contacts or 5 Amp for silver contacts).
* **R**: Indicates the **Actuator Type**. In this case, "R" usually refers to a **Roller Lever**.
* **E**: Refers to the **Terminal Type** or **Operating Force**. In many configurations, "E" denotes a specific wire lead or a specific gram-force requirement for actuation.
---
### 3. Key Electronic Components & Materials
The internal construction of the LCS-02-R/E consists of the following elements:
1. **Contacts**:
* **Silver Alloy**: Used for higher current (Power) applications.
* **Gold Plated**: Used for "Dry Circuit" (Low voltage/Low current) applications to prevent oxidation.
2. **Snap Mechanism**: A beryllium copper or stainless steel spring that ensures a rapid transfer of contacts regardless of the speed of the actuator.
3. **Housing**: Typically made of **PBT (Polybutylene Terephthalate)** or similar high-performance plastic with a UL94V-0 flammability rating.
4. **Terminals**: Brass with silver or tin plating for optimal solderability.
### 4. Application Use Cases
* **Safety Interlocks**: Detecting if a door or panel is closed.
* **Limit Sensing**: Detecting the end of travel in a mechanical arm or printer carriage.
* **Control Panels**: Used as high-reliability buttons for industrial interfaces.
---
### 5. Wiring Diagram (SPDT)
The device typically features three pins:
```text
[ COM ] ---- Common Terminal
[ NO ] ---- Normally Open (Closed when pressed)
[ NC ] ---- Normally Closed (Open when pressed)
```
- ⤷
What is the maximum mechanical lifespan of the LCS series?
- ⤷ How does the 'R' roller lever differ from a simulated roller lever?
- ⤷ Can the LCS-02 be used in DC voltage applications?