LCS-02-R
AI

The **LCS-02-R** refers to a high-quality **Miniature Snap-Action Switch** (often called a microswitch) manufactured by **C&K** (now part of Littelfuse). These components are widely used in industrial and consumer electronics for sensing position or providing user feedback.
---
## 1. Technical Specifications
The electrical characteristics are critical for determining the switch's compatibility with a circuit.
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | SPDT (Single Pole Double Throw) |
| **Switch Function** | On-Mom (On-Momentary) |
| **Current Rating** | 0.1A to 5A (model dependent) |
| **Voltage Rating (AC)** | 125V / 250V AC |
| **Operating Force** | 150g (standard for LCS series) |
| **Termination Style** | Right Angle PC Pin (The "R" in the suffix) |
| **Actuator Style** | Pin Plunger |
---
## 2. Pin Configuration (SPDT)
The LCS-02-R features three primary terminals that allow it to be used in two different states:
1. **COM (Common):** The input terminal where the power or signal enters.
2. **NC (Normally Closed):** The circuit is complete when the switch is at rest.
3. **NO (Normally Open):** The circuit is completed only when the plunger is depressed.
---
## 3. Key Electronic Features
### A. Snap-Action Mechanism
Unlike a standard toggle switch, the "Snap-Action" mechanism uses a spring-loaded internal leaf. When the actuation point is reached, the contacts "snap" into the new position almost instantaneously, regardless of how slowly the external plunger is pushed. This reduces **arcing** and ensures a clean electrical signal.
### B. Right-Angle PC Terminals
The **-R** suffix signifies the physical orientation of the pins. These are designed for **Through-Hole Mounting** on a Printed Circuit Board (PCB) where the switch body sits perpendicular to the board. This is ideal for side-mounted buttons on enclosures.
### C. Low-Level Switching
Depending on the contact material (Silver or Gold plating options), the LCS series can be used for:
* **Power Switching:** Handling small motors or lights (Silver contacts).
* **Logic Level Switching:** Handling microchip signals where very low voltage and current are used (Gold contacts).
---
## 4. Typical Applications
* **Computer Peripherals:** Used in high-end mouse buttons or printer paper-jam sensors.
* **Industrial:** Limit switches for small CNC machines or 3D printers.
* **Consumer Goods:** Door interlocks for microwave ovens or safety switches in small appliances.
- ⤷
What is the mechanical life expectancy (cycles) of the LCS-02-R?
- ⤷ Can this switch be used with DC voltages instead of AC?
- ⤷ What is the difference between the LCS-02-R and the LCS-02-L versions?