LCRS50-R47JB
AI

The **LCRS50-R47JB** is a specific part number typically associated with a **surface-mount (SMD) power resistor**. Based on standard component nomenclature (often used by manufacturers like Walsin or similar electronic component giants), here is the detailed breakdown of its electronic specifications.
### 1. Part Number Deciphering
To understand the part, we can break down the alphanumeric code:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LCRS** | Series Code | Low Ohmic Chip Resistor (Current Sensing) |
| **50** | Case Size | 2010 Imperial (approx. 5.0mm x 2.5mm) |
| **-** | Separator | Standard Divider |
| **R47** | Resistance Value | 0.47 Ohms ($\Omega$) |
| **J** | Tolerance | $\pm 5\%$ |
| **B** | Packaging | Bulk or Specific Carrier Taping (usually Plastic/Embossed) |
---
### 2. Technical Specifications
This component is designed primarily for **current sensing** applications where low resistance and high power handling are required.
| Parameter | Value / Description |
| :--- | :--- |
| **Resistance** | 470 m$\Omega$ (0.47 $\Omega$) |
| **Tolerance** | $\pm 5\%$ |
| **Power Rating** | Typically 0.75W to 1W (subject to 2010 package limits) |
| **Temperature Coefficient (TCR)** | Usually $\pm 100$ to $\pm 200$ ppm/°C |
| **Operating Temperature** | -55°C to +155°C |
| **Technology** | Thick Film on Ceramic Substrate |
---
### 3. Key Applications
Because of its low resistance value ($< 1 \Omega$), the LCRS50-R47JB is not used for standard voltage dropping, but rather for:
* **Current Sensing:** Measuring the voltage drop across the resistor to determine the current flowing through a circuit ($I = V/R$).
* **Power Management:** Used in DC-DC converters and battery management systems (BMS).
* **Motor Control:** Monitoring motor phase currents.
* **Over-current Protection:** Sensing when current exceeds a safe threshold to trigger a shutdown.
---
### 4. Physical Dimensions (2010 Package)
The "50" in the part number refers to the metric length (5.0mm).
* **Length (L):** 5.00 mm $\pm$ 0.20 mm
* **Width (W):** 2.50 mm $\pm$ 0.20 mm
* **Thickness (T):** 0.60 mm $\pm$ 0.10 mm
---
### 5. Selection Considerations
When using the LCRS50-R47JB in a design, ensure:
1. **Power Dissipation:** Calculate $P = I^2 \times R$. Ensure the actual wattage is well below the rated wattage (0.75W - 1W) to prevent overheating.
2. **Solder Pad Layout:** Ensure the PCB footprint matches the 2010 (5025 Metric) specifications.
3. **Inductance:** Being a thick-film resistor, it has low parasitic inductance, making it suitable for high-frequency switching power supplies.
- ⤷
What are the main differences between thick-film and metal-foil current sense resistors?
- ⤷ How do I calculate the maximum current this resistor can handle safely?
- ⤷ What are some common manufacturers that use the LCRS prefix?