AI

The **LCMXO2-640UHC2UWG49CTRES** belongs to the **MachXO2** family from Lattice Semiconductor. These devices are "bridging" FPGAs, often referred to as PLDs (Programmable Logic Devices) because they combine the flexibility of an FPGA with the low power and instant-on capabilities of a CPLD.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific capabilities of this component:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LCMXO2** | Product Family | MachXO2 (Ultra-low power, instant-on) |
| **640** | Logic Density | 640 Look-Up Tables (LUTs) |
| **UHC** | Voltage/Speed | Ultra High Speed, 1.2V core voltage |
| **2** | Speed Grade | Grade 2 (High performance) |
| **UWG49** | Package Type | Wafer Level Chip Scale Package (WLCSP), 49-ball |
| **C** | Temperature | Commercial Grade (0°C to 85°C) |
| **TRES** | Special Handling | Tape & Reel, Lead-Free (RoHS compliant) |
---
### 2. Core Technical Specifications
The "640" density is designed for glue logic, simple interface bridging, and power-up sequencing.
* **Logic Cells:** 640 LUTs.
* **User I/O:** 40 Pins.
* **Embedded Memory:** 64 Kbits of User Flash Memory (UFM) and 18 Kbits of sysMEM Embedded Block RAM (EBR).
* **Hard IP Blocks:** Includes dedicated I2C, SPI, and Timer/Counter blocks to save logic cells.
* **Configuration:** On-chip non-volatile Flash memory (retains configuration without external PROM).
---
### 3. Key Electronic Features
#### A. Instant-on Performance
Unlike high-capacity FPGAs that require time to load bitstreams from external memory, the MachXO2 loads its configuration from internal Flash in microseconds. This makes it ideal for **System Power Sequencing**.
#### B. Ultra-Low Power
* **Standby Power:** Can consume as little as 22 µW.
* **Sleep Mode:** Includes a low-power "Sleep Mode" to extend battery life in mobile applications.
#### C. WLCSP Package (UWG49)
The **49-ball WLCSP** is extremely small (roughly 2.5mm x 2.5mm). This is specifically designed for:
* Smartphones and Wearables.
* Medical IoT devices.
* High-density PCB designs where space is at a premium.
---
### 4. Common Use Cases
* **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
* **Level Shifting:** Translating signals between 1.2V, 1.8V, 2.5V, and 3.3V logic levels.
* **Sensor Hub:** Aggregating data from multiple I2C/SPI sensors before sending it to an Application Processor.
* **Reset/Power Control:** Managing the boot sequence of larger SoCs.
---
- ⤷
What are the power supply requirements for the LCMXO2-640?
- ⤷ What software is used to program Lattice MachXO2 FPGAs?
- ⤷ How does a WLCSP package differ from a standard BGA package in terms of PCB design?