AI

The **LCMXO2-640HC-5TG100I** belongs to the **MachXO2** family developed by Lattice Semiconductor. It is an ultra-low-power, instant-on, non-volatile PLD (Programmable Logic Device) designed to bridge the gap between low-density CPLDs and high-capacity FPGAs.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify specific performance characteristics:
| Code Segment | Description | Specific Detail |
|:---|:---|:---|
| **LCMXO2** | Family Series | MachXO2 (Low Power, Non-volatile) |
| **640** | LUT Count | Approximately 640 Look-Up Tables |
| **HC** | Voltage/Power | High Performance / 2.5V or 3.3V VCC |
| **5** | Speed Grade | Standard Speed (Higher numbers are faster) |
| **TG100** | Package Type | 100-pin TQFP (Thin Quad Flat Pack) |
| **I** | Temp Grade | Industrial Grade (-40°C to +105°C) |
---
### 2. Technical Specifications
The device is optimized for control-path applications, system bus expansion, and interface bridging.
* **Logic Capacity:** 640 Look-Up Tables (LUT4).
* **Embedded Flash:** On-chip "Instant-on" configuration (no external boot PROM required).
* **I/O Count:** 78 User I/Os.
* **Memory:** 18 Kbits of Embedded Block RAM (EBR) and 640 bits of Distributed RAM.
* **Hardened IP:** Includes built-in I2C, SPI, and Timer/Counter blocks to save logic cells.
* **Power Consumption:** Static power as low as 18 µW.
---
### 3. Key Electronic Features
#### A. Non-Volatile Technology
Unlike standard FPGAs that lose their configuration when power is removed, the MachXO2 uses on-chip Flash memory. It boots in microseconds, making it ideal for power-sequencing tasks where the chip must be active before the main processor.
#### B. User Flash Memory (UFM)
The chip provides dedicated Flash space for user data storage (such as calibration constants or serial numbers), which can be accessed via the logic fabric.
#### C. Flexible I/O (sysIO)
The 100-pin TQFP package supports various signaling standards including:
* LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V)
* LVTTL
* PCI
* LVDS (Differential signaling)
---
### 4. Typical Applications
Due to its small logic density and high I/O flexibility, it is commonly used for:
1. **System Control:** Power-up sequencing, reset distribution, and glue logic.
2. **Interface Bridging:** Converting signals between different I/O standards (e.g., I2C to Parallel).
3. **Sensor Hubs:** Aggregating data from multiple low-speed sensors in industrial equipment.
4. **Display Drivers:** Basic timing controllers for small LCD screens.
---
### 5. Programming Interface Example
Programming is typically done via **JTAG** or **SPI**. Below is a simplified representation of the JTAG pin requirements:
```yaml
# JTAG Pin Assignment for LCMXO2-640
Pin 1: TCK (Test Clock)
Pin 2: TMS (Test Mode Select)
Pin 3: TDI (Test Data In)
Pin 4: TDO (Test Data Out)
```
- ⤷
What are the power supply requirements for the HC vs ZE variants of MachXO2?
- ⤷ Does this device support User Flash Memory (UFM) for data storage?
- ⤷ Which software tool is required to program the LCMXO2-640HC?