LCMXO2-4000HC-5FG484C
AI

The **LCMXO2-4000HC-5FG484C** belongs to the MachXO2 family from Lattice Semiconductor. It is a non-volatile, bridging, and control PLD (Programmable Logic Device) designed for system applications that require low power and high I/O density.
---
### ## Technical Specifications Breakdown
The following table summarizes the core technical parameters of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | MachXO2 |
| **Logic Look-Up Tables (LUTs)** | 4,320 |
| **Embedded Block RAM (EBR)** | 92 Kbits |
| **User Flash Memory (UFM)** | 96 Kbits |
| **Number of I/Os** | 278 User I/Os |
| **Speed Grade** | -5 (High Performance) |
| **Voltage Supply** | 2.5V to 3.3V (HC Series) |
| **Package Type** | fpBGA-484 (Fine Pitch Ball Grid Array) |
| **Operating Temperature** | 0°C to 85°C (Commercial Grade) |
---
### ## Core Electronic Components & Features
### 1. Non-Volatile Configuration
Unlike standard FPGAs that require an external SPI Flash to load their configuration on power-up, the MachXO2 uses **on-chip Flash memory**. This allows for "Instant-on" functionality (starts in microseconds) and enhances security by preventing the bitstream from being intercepted during loading.
### 2. Hardened IP Blocks
To save logic cells for user applications, this chip includes dedicated hardware (Hard IP) for common functions:
* **I2C & SPI Interfaces:** Dedicated controllers for system management.
* **Timer/Counter:** Useful for generating PWM or system heartbeats.
* **PLLs (Phase Locked Loops):** 2 PLLs are included for clock frequency synthesis and clock skew management.
### 3. Power Management
The "HC" in the part number indicates a high-performance variant that operates on a **2.5V or 3.3V core voltage**. It features a "Low Power" mode that minimizes static leakage, making it suitable for battery-operated or heat-sensitive environments.
### 4. Advanced I/O Capabilities
The 484-ball grid array provides a high density of I/O pins. These pins support:
* **LVCMOS/LVTTL** signaling.
* **Differential signaling** (LVDS).
* **Hot-socketing** (allowing the chip to be plugged in while the system is powered).
---
### ## Application Use Cases
* **System Control:** Power sequencing, reset generation, and glue logic.
* **Interface Bridging:** Converting signals between different protocols (e.g., I2C to Parallel).
* **Expansion:** Adding extra GPIOs to a microcontroller or SoC.
---
- ⤷
What are the main differences between the 'HC' and 'ZE' variants of the MachXO2 series?
- ⤷ How do I program the internal Flash of the LCMXO2-4000HC?
- ⤷ Can you explain the pinout configuration for the 484-ball BGA package?