AI

The **LCMXO2-256UZC2UWG49CTRES** is a specific part number belonging to the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by **Lattice Semiconductor**. These devices are known for being "Ultra-Low Power" and are designed for bridging, I/O expansion, and system control logic.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Logic Cells (LUTs)** | 256 Look-Up Tables |
| **Architecture** | Instant-on, Non-volatile Flash-based |
| **Package Type** | WLCSP-49 (Wafer Level Chip Scale Package) |
| **Pins** | 49-ball |
| **Voltage Supply** | 1.2V (Core) |
| **I/O Capabilities** | Low power, high-speed differential support |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific capabilities of this component:
* **LCMXO2**: MachXO2 Family (Low density, instant-on FPGA).
* **256**: Density of 256 Look-Up Tables (LUTs). This is a small-capacity device suited for simple logic.
* **U**: Ultra-Low Power version (1.2V core).
* **ZC**: Specific speed grade/power optimization (Standard performance/Low Power).
* **2**: Speed Grade (2 is standard).
* **UWG49**: Package code for the 49-ball WLCSP (extremely small footprint).
* **CTR**: Refers to specific Tape and Reel packaging or custom variations for high-volume manufacturing.
* **ES**: Engineering Sample (indicates this specific part may be for testing or pre-production evaluation).
---
### 3. Core Features
* **Instant-On:** Because it stores its configuration in internal Flash memory, the FPGA starts operating microseconds after power-up, unlike SRAM-based FPGAs that require external boot memory.
* **Embedded Functions:** It includes hard-coded I2C, SPI, and Timer/Counter blocks, which saves programmable logic space for other tasks.
* **Small Footprint:** The WLCSP-49 package is designed for space-constrained applications like smartphones, wearables, or sensor modules.
---
### 4. Typical Applications
1. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
2. **Interface Bridging:** Converting signals between different standards (e.g., I2C to parallel, or LVDS to CMOS).
3. **Power Sequencing:** Managing the power-up and power-down timing of various chips on a PCB.
4. **Sensor Hubs:** Aggregating data from multiple low-speed sensors before sending it to a primary application processor.
- ⤷
What are the main differences between the MachXO2 and MachXO3 families?
- ⤷ How do I program the internal Flash of the LCMXO2-256?
- ⤷ What is the physical size in millimeters of the UWG49 package?