công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LCMXO2-256UZC2BG332CTRES

  • AI
    The **LCMXO2-256UZC2BG332CTRES** is a specific part number within the **MachXO2** family of FPGAs (Field Programmable Gate Arrays) manufactured by **Lattice Semiconductor**. These devices are known as "Bridging FPGAs" because they combine low density, low power, and instant-on capabilities, making them ideal for system control, interface expansion, and glue logic. --- ### 1. Part Number Breakdown To understand the electronic capabilities, we must decode the suffix codes in the part number: | Code Segment | Meaning | Description | |:---|:---|:---| | **LCMXO2** | Family | Lattice MachXO2 Series | | **256** | Density | 256 Look-Up Tables (LUTs) | | **U** | Voltage | Ultra Low Power (1.2V core) | | **ZC** | Speed/Power | Z = Low Power; C = Standard Speed Grade | | **2** | Speed Grade | Indicates performance level (2 is standard) | | **BG332** | Package | 332-ball caBGA (Ball Grid Array) | | **C** | Temperature | Commercial Grade (0°C to 85°C) | | **TR** | Tape & Reel | Packaging method for automated assembly | | **ES** | Engineering Sample | Indicates this is a pre-production/sample silicon | --- ### 2. Technical Specifications The "256" density is the smallest in the MachXO2 family, designed for very simple logic tasks. * **Logic Cells:** 256 LUTs. * **User I/O:** Up to 274 available I/O pins (depending on package configuration). * **Embedded Memory:** * **PFRM (Flash):** Used for non-volatile configuration (Instant-on). * **EBR (Embedded Block RAM):** 0 Kbits (The 256 model typically relies on distributed RAM). * **Hardened IP:** Includes built-in I2C, SPI, and Timer/Counters to save logic cells. * **Configuration:** Flash-based, meaning it does not require an external PROM to load its design upon power-up. --- ### 3. Key Electronic Features #### A. Instant-On Technology Unlike high-end FPGAs that require several hundred milliseconds to load from an external flash chip, the MachXO2 stores its configuration internally. It becomes active in less than **1ms**, making it perfect for power-sequencing other components on a PCB. #### B. Ultra-Low Power (U-series) The "U" designation indicates this chip operates at a **1.2V core voltage**. It features a "Standby Mode" that consumes as little as **sub-100µA**, which is critical for battery-powered handheld devices. #### C. WLCSP/BGA Packaging The **BG332** package is a Ball Grid Array. While providing a high number of I/Os in a small footprint, it requires a multi-layer PCB and precision SMT (Surface Mount Technology) soldering. --- ### 4. Common Applications * **System Control:** Managing power-up/down sequences for CPUs and GPUs. * **I/O Expansion:** Adding extra GPIO, UART, or I2C ports to a microcontroller that has run out of pins. * **Interface Bridging:** Converting signals between different logic levels (e.g., 1.8V to 3.3V). * **Display Driving:** Handling simple timing for small LCD screens. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the 'ZE' and 'ZC' power variants in MachXO2 FPGAs?
    • ⤷ Can this FPGA be programmed using standard Lattice Diamond software?
    • ⤷ How does the 'Engineering Sample' (ES) status affect its use in final production products?