công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LCMXO2-256UHE5FG484ITRES

  • AI
    The **LCMXO2-256UHE-5FG484ITRES** belongs to the Lattice Semiconductor **MachXO2** family. This family is characterized as "bridging" FPGAs, designed to combine the low cost and low power consumption of a CPLD with the flexibility and density of an FPGA. --- ### 1. Part Number Breakdown Understanding the specific nomenclature of this component is essential for identifying its technical constraints: | Segment | Meaning | Specification | |:---|:---|:---| | **LCMXO2** | Family Series | MachXO2 (PLD/FPGA Hybrid) | | **256** | Logic Density | 256 Look-Up Tables (LUTs) | | **UHE** | Ultra High Efficiency | Optimized for power/performance | | **5** | Speed Grade | Standard speed (higher numbers are faster) | | **FG484** | Package Type | Fine-pitch Ball Grid Array (fbga) with 484 pins | | **I** | Temperature Grade | Industrial grade (-40°C to +100°C) | | **TRES** | Special Suffix | Typically indicates "Tape & Reel" or specific Lead-free/RoHS variants | --- ### 2. Key Technical Specifications While this specific variant is characterized by its high pin count (484) relative to its logic density (256 LUTs), it offers specific capabilities for I/O expansion. * **Logic Cells:** 256 LUT4s. * **User I/O:** High I/O-to-Logic ratio (utilizing the 484-pin footprint for massive connectivity). * **Embedded Memory:** Includes User Flash Memory (UFM) for non-volatile storage. * **Hardened IP:** Includes built-in I2C, SPI, and Timer/Counter blocks to save logic cells. * **Voltage:** Usually operates on a 1.2V core voltage (indicated by the 'ZE' or 'HC' sub-families, but 'UHE' implies ultra-low-power optimization). * **Instant-On:** Powers up in milliseconds from internal Flash memory. --- ### 3. Typical Applications The LCMXO2-256 in a large 484-pin package is an unconventional configuration, usually employed for: 1. **I/O Expansion:** Serving as a "bridge" between a processor and numerous peripherals where high pin counts are needed but complex logic processing is not. 2. **System Control:** Managing power sequencing, reset distribution, and glue logic on high-end server motherboards or telecommunications gear. 3. **Interface Bridging:** Converting signals between different I/O standards (LVCMOS, LVTTL, LVDS). --- ### 4. Implementation Example (VHDL/Verilog) To program this device, you would use **Lattice Diamond** software. Below is a simple example of a signal inverter used in glue logic: ```verilog // Simple Signal Inverter for MachXO2 module top_module ( input wire raw_signal, output wire inverted_signal ); assign inverted_signal = ~raw_signal; endmodule ```
    ✨ Follow-up Questions
    • ⤷ What are the power consumption benefits of the UHE (Ultra High Efficiency) series?
    • ⤷ How does the 'Instant-On' feature compare to traditional SRAM-based FPGAs?
    • ⤷ Which software tools are required to program the MachXO2-256?