công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LCMXO2-256UHE4FTG256ITRES

  • AI
    The **LCMXO2-256UHE-4FTG256ITRES** belongs to the **MachXO2** family from Lattice Semiconductor. These are ultra-low-power, non-volatile CPLDs (Complex Programmable Logic Devices) that bridge the gap between traditional CPLDs and low-density FPGAs. --- ### 1. Part Number Breakdown Understanding the suffix and prefix codes provides technical insight into the component's capabilities: | Code Segment | Meaning | | :--- | :--- | | **LCMXO2** | MachXO2 Family (Low Power, Instant-on) | | **256** | 256 Look-Up Tables (LUTs) / Logic Density | | **UHE** | Ultra High Efficiency / specific voltage rail variant | | **4** | Speed Grade (Standard/Moderate) | | **FTG256** | 256-ball ftBGA (Fine-pitch Thin BGA) package | | **I** | Industrial Temperature Range (-40°C to +100°C) | | **TRES** | Specific Tape and Reel / Custom Packing or Revision code | --- ### 2. Technical Specifications The device is designed for system control, interface bridging, and power management tasks. * **Logic Capacity:** 256 Look-Up Tables (LUTs). * **User I/O:** Provides up to 206 User I/Os (depending on package configuration). * **Non-Volatile Memory:** Built-in Flash allows for "Instant-on" capability (the device is ready microseconds after power-up). * **Embedded Memory:** Includes User Flash Memory (UFM) for storing configuration data, serial numbers, or calibration constants. * **Hardened IP:** Contains built-in I2C, SPI, and Timer/Counter blocks to save logic cells. * **Operating Voltage:** Typically operates on a 1.2V core voltage (UHC/UHE series). --- ### 3. Key Electronic Features #### A. Instant-on Technology Unlike SRAM-based FPGAs that require an external PROM to load their configuration upon startup, the MachXO2 stores its configuration in on-chip Flash. This makes it ideal for **Power-Up Sequencing** where the logic must be active before the main processor boots. #### B. Flexible I/O (sysIO) The device supports a wide range of I/O standards: * LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V) * LVTTL * Differential inputs (LVDS, Bus-LVDS, MLVDS) #### C. Power Management The "UHE" designation indicates a focus on efficiency. The device features: * **Static Branch:** Very low standby power consumption. * **Sleep Mode:** Ability to enter a low-power state to conserve battery life in handheld devices. --- ### 4. Typical Applications Due to its small logic density and high I/O count, this specific part is frequently used for: 1. **System Control:** Power sequencing, reset generation, and status LED control. 2. **Interface Bridging:** Converting signals between different voltage levels or protocols (e.g., I2C to Parallel). 3. **Sensor Hubs:** Aggregating data from multiple slow sensors before sending them to a main Application Processor. 4. **Hardware Security:** Implementing basic encryption or authentication checks.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption specs for the MachXO2 series in standby mode?
    • ⤷ How do I program this device using Lattice Diamond software?
    • ⤷ What is the pitch and ball diameter for the FTG256 package?