LCMXO2-256UHC5SG48CTRES
AI

The **LCMXO2-256UHC-5SG48C** belongs to the Lattice Semiconductor **MachXO2** family. This series is known for being ultra-low-power, non-volatile programmable logic devices (FPGAs/CPLDs) designed for system-level bridging and expansion.
---
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific performance and physical characteristics of this component.
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **LCMXO2** | Product Family | MachXO2 (Bridging and I/O expansion) |
| **256** | Logic Density | 256 Look-Up Tables (LUTs) |
| **UHC** | High Performance | High-speed, Low-power variant |
| **5** | Speed Grade | Grade 5 (High performance) |
| **SG** | Package Type | QFN (Quad Flat No-Lead) |
| **48** | Pin Count | 48 Pins |
| **C** | Temperature Grade | Commercial (0°C to +85°C) |
| **TRES** | Tape & Reel | Packaging type for automated assembly |
---
### 2. Key Technical Specifications
The MachXO2 architecture is unique because it combines FPGA flexibility with the "instant-on" capability of a CPLD due to its embedded Flash memory.
* **Logic Cells:** 256 LUT4s.
* **User I/Os:** Approximately 40 programmable I/O pins.
* **Embedded Memory:** Includes User Flash Memory (UFM) for data storage.
* **Power Consumption:** Extremely low static and dynamic power.
* **Clocking:** Features an internal oscillator, removing the need for an external clock in simple applications.
* **Interface Support:** Supports I2C, SPI, and Wishbone interfaces out of the box.
---
### 3. Common Applications
Due to its small footprint and low logic density, this part is rarely used as a primary processor. Instead, it serves as a "Glue Logic" component:
1. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.8V to 3.3V).
2. **Power Sequencing:** Controlling the turn-on sequence of various power rails in complex systems (Servers/Laptops).
3. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
4. **Interface Bridging:** Converting protocols like SPI to I2C or custom bus architectures.
---
### 4. Development Environment
To program and simulate this part, you generally use the **Lattice Diamond** design software.
```tcl
# Example: Simple Pin Constraint (LPF File)
LOCATE COMP "led_out" SITE "10"; # Map signal to Pin 10
IOBUF PORT "led_out" IO_TYPE=LVCMOS33; # Set voltage standard
```
- ⤷
What are the power supply voltage requirements for the MachXO2 series?
- ⤷ How does 'Instant-on' technology work in the LCMXO2-256?
- ⤷ What is the difference between the 256 and 1200 LUT versions in this family?