AI

The **LCMXO2-256UHC-4BG256ITRES** is a specific part number belonging to the **MachXO2** family of FPGAs (Field Programmable Gate Arrays) manufactured by **Lattice Semiconductor**.
These devices are categorized as "Bridging and I/O Expansion FPGAs," designed for low power, high I/O density, and instant-on capabilities.
---
### Part Number Breakdown
| Segment | Code | Description |
| :--- | :--- | :--- |
| **Family** | LCMXO2 | MachXO2 Product Family |
| **Logic Density** | 256 | 256 Look-Up Tables (LUTs) |
| **Voltage** | HC | High Performance / High Voltage (VCC = 2.5V to 3.3V) |
| **Speed Grade** | 4 | Speed grade (Standard performance) |
| **Package** | BG256 | 256-ball caBGA (Ball Grid Array) |
| **Temperature** | I | Industrial Grade (-40°C to +100°C) |
| **Suffix** | TRES | Specific Tape and Reel or Customer-specific variant (often "TR" for Tape/Reel) |
---
### Key Technical Specifications
1. **Logic Capacity**:
* **LUTs**: 256. This is a very small, entry-level density intended for simple glue logic, state machines, or signal routing.
* **User I/O**: Supports up to 206 I/O pins (depending on package utilization).
2. **Memory & Storage**:
* **Embedded Flash**: Non-volatile configuration. The FPGA boots instantly (Instant-on) without needing an external SPI Flash.
* **SysMEM EBR**: Embedded Block RAM for internal data storage.
3. **Power Management**:
* **Ultra-Low Power**: Optimized for standby modes.
* **Voltage**: The "HC" variant operates with a 2.5V or 3.3V core power supply, making it easier to integrate into systems without needing dedicated 1.2V regulators.
4. **Hardened IP (Hard Macros)**:
* Includes hardened **I2C, SPI, and Timer/Counter** blocks, which saves logic cells for other tasks.
---
### Typical Applications
Because of its small footprint and low logic density, this part is commonly used for:
* **Power Sequencing**: Managing the startup of complex CPUs or SOCs.
* **Level Shifting**: Translating signals between different voltage domains (e.g., 1.8V to 3.3V).
* **I/O Expansion**: Adding extra GPIO, I2C, or SPI ports to a microcontroller that has run out of pins.
* **Interface Bridging**: Converting simple protocols like UART to SPI or custom bus interfaces.
---
### Hardware Design Considerations
```yaml
Design_Tips:
- Power_Supplies: Ensure clean VCC and VCCIO rails.
- Configuration: Supports JTAG, SPI, and I2C programming.
- Thermal: The BG256 package requires careful PCB thermal pad design for industrial environments.
- Software: Use Lattice Diamond design software for synthesis and routing.
```
- ⤷What is the difference between the 'HC' and 'ZE' variants in the MachXO2 family?
- ⤷ How do I program the internal Flash of the LCMXO2-256?
- ⤷ What is the maximum clock frequency supported by this speed grade?