LCMXO2-256UHC3UWG81ITRES
AI

The **LCMXO2-256UHC3UWG81ITRES** belongs to the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by Lattice Semiconductor. This specific part is a low-density, high-performance PLD (Programmable Logic Device) designed for bridging, I/O expansion, and system control.
---
### 1. Part Number Breakdown
Understanding the suffix codes helps identify the specific capabilities of this component:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **LCMXO2** | Product Family | MachXO2 (Ultra-low power, instant-on FPGA) |
| **256** | LUT Count | 256 Look-Up Tables (Logic capacity) |
| **UHC** | Voltage/Performance | Ultra High Performance (1.2V Core) |
| **3** | Speed Grade | Grade 3 (Faster performance) |
| **UWG81** | Package Type | 81-ball WLCSP (Wafer Level Chip Scale Package) |
| **I** | Temperature Grade | Industrial (-40°C to +100°C) |
| **TR** | Packing | Tape and Reel |
| **ES** | Engineering Sample | Indicates early silicon/engineering version |
---
### 2. Key Technical Specifications
#### Logic and Memory
* **LUTs:** 256 Look-Up Tables.
* **User I/O:** Up to 56 programmable I/O pins.
* **Embedded RAM:** This device primarily uses distributed RAM (EBR is limited in the smallest 256-LUT variants compared to larger MachXO2 models).
* **Flash Memory:** Non-volatile configuration memory (User Flash Memory included).
#### Power and Performance
* **Core Voltage:** 1.2V.
* **Instant-on:** Boots in microseconds because the configuration is stored internally in Flash.
* **Power Consumption:** Extremely low static power, suitable for battery-operated handheld devices.
#### Hardened IP Functions
The MachXO2 series includes "Hardened" (physical silicon) blocks to save logic cells:
* **I2C / SPI Interfaces:** Hardened controllers.
* **Timer/Counters:** Built-in 16-bit timers.
* **Oscillator:** Internal RC oscillator for clock generation without external crystals.
---
### 3. Application Use Cases
Due to its small footprint (**WLCSP81** package is roughly 3.8mm x 3.8mm), this part is commonly found in:
1. **Smartphones/Tablets:** For I/O level shifting or sensor hub management.
2. **Power Sequencing:** Managing the power-up order of complex SoCs and processors.
3. **Interface Bridging:** Converting signals between different protocols (e.g., I2C to GPIO).
4. **Hardware Security:** Implementing simple encryption or authentication handshakes.
---
### 4. Hardware Design Considerations
```markdown
* Pin Pitch: 0.4mm (Requires high-precision PCB manufacturing/HDI).
* Programming: Supports JTAG and I2C/SPI transparent programming.
* Decoupling: Requires specific capacitor placement for the 1.2V VCC core and VCCIO banks.
```
- ⤷
What is the difference between the 'HC' and 'ZE' variants in the MachXO2 family?
- ⤷ Can you provide the pinout diagram for the WLCSP81 package?
- ⤷ Which software is required to program this specific Lattice FPGA?