AI

The **LCMXO2-256HC-4TG100C** (often referred by its specific ordering code including tape and reel suffixes) belongs to the **MachXO2** family from Lattice Semiconductor. It is an ultra-low-power, instant-on, non-volatile PLD (Programmable Logic Device) designed for bridging, I/O expansion, and system control.
---
### 1. Part Number Breakdown
Understanding the specific alphanumeric code reveals the device's capabilities:
| Segment | Meaning | Detail |
| :--- | :--- | :--- |
| **LCMXO2** | Product Family | MachXO2 (Bridging & Control FPGA) |
| **256** | LUT Count | 256 Look-Up Tables |
| **HC** | Voltage/Speed | High Performance (3.3V / 2.5V VCC) |
| **4** | Speed Grade | Standard Speed (4) |
| **TG100** | Package Type | 100-pin TQFP (Thin Quad Flat Pack) |
| **C** | Temp Grade | Commercial (0°C to +85°C) |
| **TR / R1** | Packaging | Tape & Reel / Specific Reel quantity |
---
### 2. Technical Specifications
The MachXO2 series is unique because it integrates Flash memory for configuration, meaning it does not require an external PROM to boot.
| Feature | Specification |
| :--- | :--- |
| **Logic Cells** | 256 LUT4s |
| **User Flash Memory** | 18 Kbits (EBR) / 64 Kbits (Flash) |
| **User I/O Count** | Up to 78 I/Os |
| **Operating Voltage** | 2.5V to 3.3V |
| **Embedded Hard IP** | I2C, SPI, Timer/Counter |
| **Configuration** | Instant-on (under 1ms) |
---
### 3. Key Electronic Features
* **Non-Volatile:** Since the configuration is stored in internal Flash, the chip is ready to function the microsecond power is applied.
* **Hardened IP:** It includes dedicated hardwired circuits for I2C and SPI, saving logic cells that would otherwise be used to program these protocols.
* **Low Power:** Designed for battery-operated devices, featuring a "Standby Mode" that consumes very little current.
* **I/O Flexibility:** Supports various I/O standards including LVCMOS, LVTTL, and differential signaling like LVDS (on specific pins).
---
### 4. Common Applications
Due to its small logic density and low cost, this part is rarely used for heavy data processing. Instead, it is used for:
1. **Power Sequencing:** Managing the order in which different power rails turn on in a complex system.
2. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
3. **Interface Bridging:** Translating signals between different protocols (e.g., I2C to Parallel).
4. **Glue Logic:** Replacing multiple small 74-series logic gates with a single chip to save PCB space.
---
### 5. Programming Example (VHDL/Verilog)
To program this device, you typically use **Lattice Diamond** software. A simple "Blinky" or "Inverter" logic block would look like this in Verilog:
```verilog
module top (
input wire button_n, // Input from a switch
output wire led // Output to an LED
);
// Simple inverter logic
assign led = ~button_n;
endmodule
```
---
- ⤷What is the difference between the 'HC' and 'ZE' variants of the MachXO2 series?
- ⤷ Which software is required to program the LCMXO2-256 and is it free?
- ⤷ Can the User Flash Memory (UFM) be used for data storage by an external MCU?