công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LCMXO2-256UHC2BG332ITRES

  • AI
    The **LCMXO2-256UHC-2BG332ITRES** is a specific part number within the **Lattice MachXO2** family of Field Programmable Gate Arrays (FPGAs). These devices are known as "Bridging FPGAs" because they are designed to handle system control, interface bridging, and power management tasks with very low power consumption. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the specific capabilities of this component: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **LCMXO2** | Product Family | MachXO2 (Ultra-low power, instant-on) | | **256** | Density | 256 Look-Up Tables (LUTs) | | **UHC** | Voltage/Speed | Ultra-High Speed / High Performance (1.2V core) | | **2** | Speed Grade | Grade 2 (Standard high-speed) | | **BG332** | Package Type | 332-ball caBGA (Ball Grid Array) | | **I** | Temperature Grade | Industrial Grade (-40°C to +100°C) | | **TRES** | Special Designation | Usually refers to "Tape and Reel" with specific "Engineering Sample" or Custom Silicon revisions | --- ### 2. Key Technical Specifications The MachXO2 series is unique because it integrates Flash memory and SRAM, allowing it to be "Instant-on." * **Logic Capacity:** 256 LUT4s. This is a very small density, intended for simple glue logic or state machines. * **Embedded Flash:** Non-volatile configuration memory (no external boot PROM required). * **I/O Capability:** High I/O count relative to its small logic size, supporting various standards (LVCMOS, LVTTL, PCI, etc.). * **Hard IP Cores:** Includes built-in I2C, SPI, and Timer/Counter blocks to save logic cells for custom tasks. * **Power Supply:** Typically requires a 1.2V core voltage for the "UHC" (Ultra High Performance) variant. --- ### 3. Application Use Cases Because this part has a small logic footprint but a high-density BGA package (332 pins), it is typically used for: 1. **I/O Expansion:** When a microprocessor lacks enough pins to control all peripherals. 2. **Level Shifting:** Translating signals between different voltage domains (e.g., 1.8V to 3.3V). 3. **System Reset/Power Sequencing:** Managing the startup order of complex SoC or CPU boards. 4. **Interface Bridging:** Converting simple bus protocols (like SPI to local bus). --- ### 4. Comparison Table: MachXO2 vs. MachXO3 | Feature | MachXO2 (This Part) | MachXO3 | | :--- | :--- | :--- | | **Primary Focus** | General Purpose / Control | High-speed Interface (MIPI, LVDS) | | **Config Memory** | Internal Flash | Internal Flash (plus more SRAM) | | **Package Options** | Wide variety (TQFP to BGA) | Mostly fine-pitch BGA | | **Power** | Ultra-low static power | Optimized for high bandwidth |
    ✨ Follow-up Questions
    • ⤷ What are the programming tools required for the MachXO2 series?
    • ⤷ Does the TRES suffix impact the production readiness of this part?
    • ⤷ How many user I/Os are available in the BG332 package variant?