công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LCMXO2-256UHC1UWG36ITRES

  • AI
    The **LCMXO2-256UHC1UWG36ITRES** is a specific integrated circuit belonging to the **MachXO2** family by Lattice Semiconductor. This device is an ultra-low-power, instant-on FPGA (Field Programmable Gate Array) designed for system control and interface bridging. --- ### 1. Part Number Deciphering Understanding the naming convention provides a technical overview of the component's capabilities: | Code Segment | Meaning | Specification | |:---|:---|:---| | **LCMXO2** | Family Series | MachXO2 (Low density, bridging/control) | | **256** | LUT Count | 256 Look-Up Tables | | **UHC** | Voltage/Speed | Ultra High Speed, 1.2V Core Voltage | | **1** | Speed Grade | Grade 1 (Standard high performance) | | **UWG36** | Package Type | Wafer Level Chip Scale Package (WLCSP), 36-ball | | **I** | Temperature Grade | Industrial (-40°C to +100°C) | | **TRES** | Shipping/Tape | Tape and Reel / Specific Tracking | --- ### 2. Core Technical Specifications This FPGA is characterized by its extremely small footprint and low power consumption. * **Logic Density:** 256 Look-Up Tables (LUT4s). * **User I/O:** 28 I/O pins in a very compact 36-ball grid. * **Embedded Memory:** * 2 Kbits of User Flash Memory (UFM). * Distributed RAM within LUTs. * **Performance:** * Instant-on behavior (boots in microseconds from internal Flash). * On-chip oscillator for clock generation. * **I/O Standards:** Supports LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V), I2C, SPI, and basic LVDS. --- ### 3. Key Electronic Features #### Hardened IP Cores Unlike standard FPGAs where you must use logic cells to build interfaces, this chip includes **Hardened Primary I2C and SPI** blocks. This saves LUTs for user logic and ensures reliable communication. #### Power Management The "UHC" designation signifies a focus on efficiency. It features: * **Standby Mode:** Extremely low current draw when idle. * **Single Supply:** Can operate on a single 1.2V core supply depending on I/O requirements. #### Physical Dimensions The **WLCSP36** package is one of the smallest form factors available, often measuring roughly **2.5mm x 2.5mm**. This makes it ideal for mobile devices, wearables, and space-constrained PCB designs. --- ### 4. Typical Applications Due to its small size and low logic density, it is rarely used for heavy data processing. Instead, it serves as: 1. **System Reset Logic:** Managing power-up sequences for larger CPUs/SoCs. 2. **I/O Expansion:** Adding extra GPIOs to a microcontroller via I2C/SPI. 3. **Level Shifting:** Bridging signals between components operating at different voltages. 4. **Interface Bridging:** Converting simple protocols (e.g., SPI to parallel).
    ✨ Follow-up Questions
    • ⤷ What are the power consumption metrics for the MachXO2-256 in standby mode?
    • ⤷ Which software tool is required to program and simulate this Lattice FPGA?
    • ⤷ How does the WLCSP36 package compare to a QFN package in terms of PCB assembly difficulty?