công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • LCMXO2-256UHC1FG484ITRES

  • AI
    The **LCMXO2-256UHC-1FG484ITRES** belongs to the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by **Lattice Semiconductor**. These devices are designed for low-power, instant-on system applications such as interface bridging, I/O expansion, and power management. --- ### ## 1. Part Number Breakdown To understand the specific capabilities of this component, we can decode the alphanumeric string: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **LCMXO2** | Product Family | MachXO2 (Bridging & I/O expansion) | | **256** | Look-Up Tables (LUTs) | 256 Density (Entry-level density) | | **UHC** | Voltage/Power | Ultra High Performance (1.2V Core) | | **1** | Speed Grade | Grade 1 (Standard speed) | | **FG484** | Package Type | 484-ball fpBGA (Fine Pitch Ball Grid Array) | | **I** | Temperature Grade | Industrial Grade (-40°C to +100°C) | | **TRES** | Special Code | Typically refers to Tape & Reel or specific Engineering Silicon status | --- ### ## 2. Core Technical Specifications Despite its low logic density, the MachXO2 architecture provides several high-integration features: * **Logic Cells:** 256 LUT4s. * **User I/O:** High I/O count relative to logic (Up to 334 pins depending on configuration). * **Embedded Flash:** Non-volatile configuration memory (NVCM) allows the chip to be "Instant-on." * **Hardened IP:** Includes dedicated circuits for **I2C, SPI, and Timer/Counters**, saving logic cells for other tasks. * **RAM:** 2 Kbits of Distributed RAM. * **Power Consumption:** Ultra-low static power, ideal for battery-operated devices. --- ### ## 3. Key Electronic Features #### Internal Oscillator The device includes an internal oscillator, removing the need for an external clock source for simple state machines or basic timing functions. #### WISHBONE Bus Support It features a hardened interface to the WISHBONE bus, allowing easy integration of system-on-chip (SoC) peripherals. #### Flexible I/O Standards The FG484 package supports a wide range of I/O standards: * LVCMOS (3.3V, 2.5V, 1.8V, 1.5V, 1.2V) * LVTTL * Differential signaling (LVDS, Bus-LVDS, MLVDS) --- ### ## 4. Common Applications Due to its small logic size but high pin count, this part is typically used for: 1. **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins. 2. **Interface Bridging:** Converting signals between different voltage levels or protocols (e.g., I2C to Parallel). 3. **Power Sequencing:** Managing the power-up order of complex PCBs. 4. **Control Logic:** Simple glue logic to connect various ICs on a motherboard. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the MachXO2 and MachXO3 families?
    • ⤷ How do I program the internal Flash on this specific FPGA?
    • ⤷ Can this part handle high-speed LVDS communication?