AI

The **LCMXO2-256UHC-1BG332CTRES** belongs to the **MachXO2** family of Field Programmable Gate Arrays (FPGAs) manufactured by **Lattice Semiconductor**. These devices are ultra-low-power, non-volatile FPGAs designed for system expansion, bridging, and control logic applications.
---
### 1. Part Number Breakdown
Understanding the specific nomenclature of this component:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **LCMXO2** | Product Family | MachXO2 (Bridging & I/O expansion FPGAs) |
| **256** | Density | 256 Look-Up Tables (LUTs) |
| **UHC** | Voltage/Power | Ultra High Performance / Ultra Low Power |
| **1** | Speed Grade | Standard Speed (Higher numbers are faster) |
| **BG332** | Package Type | 332-ball caBGA (Ball Grid Array) |
| **C** | Temperature | Commercial Grade (0°C to +85°C) |
| **TRES** | Special Code | Typically indicates specific Tape & Reel or Silicon Revision |
---
### 2. Key Technical Specifications
#### Logic and Memory
* **LUTs:** 256 Logic Cells.
* **User I/O:** Provides a high number of General Purpose I/Os (GPIOs) relative to its logic size.
* **Embedded Flash:** The MachXO2 series is non-volatile, meaning it stores its configuration on-chip and starts up instantly ("Instant-on").
* **SRAM:** Volatile memory for active logic operations.
#### Hardware Features
* **Hardened IP:** Includes dedicated hardware blocks for **I2C, SPI, and Timer/Counters**, which saves logic cells for other tasks.
* **Power Management:** Optimized for low-power standby modes, making it ideal for battery-operated handheld devices.
* **PLLs:** Contains Phase Locked Loops for clock management and frequency synthesis.
---
### 3. Pinout and Packaging
The **BG332** package is a Ball Grid Array with 332 pins. This high-density package allows for:
1. **High I/O Count:** Despite the low logic density (256 LUTs), the large package suggests this specific variant is used for complex signal routing or pin-intensive bridging.
2. **Thermal Efficiency:** BGA packages provide better heat dissipation compared to leaded packages.
---
### 4. Typical Applications
* **System Control:** Power-up sequencing, reset distribution, and status monitoring.
* **Interface Bridging:** Converting signals between different standards (e.g., I2C to SPI, or GPIO expansion).
* **Sensor Hubs:** Aggregating data from multiple low-speed sensors before sending it to a primary Application Processor (AP).
* **Display Interfacing:** Simple timing control for small LCD screens.
---
### 5. Programming and Development
To design for this chip, engineers typically use the **Lattice Diamond** software suite. The code is written in **VHDL** or **Verilog**.
```verilog
// Example: Simple Buffer logic in Verilog for MachXO2
module top (
input wire clk,
input wire sig_in,
output reg sig_out
);
always @(posedge clk) begin
sig_out <= sig_in;
end
endmodule
```
- ⤷
What are the main differences between MachXO2 and MachXO3 families?
- ⤷ How do I calculate the power consumption for the 256 LUT version?
- ⤷ What is the specific purpose of the 'TRES' suffix in Lattice part numbers?