LCMXO2-256HC-6TG100C
AI

The **LCMXO2-256HC-6TG100C** is a low-density FPGA (Field Programmable Gate Array) from the **Lattice MachXO2** family. It is specifically designed for control-path applications, bridging, and I/O expansion in systems where power consumption and cost are critical factors.
---
## 1. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Manufacturer** | Lattice Semiconductor |
| **Series** | MachXO2 |
| **Logic Cells (LUTs)** | 256 |
| **Embedded Flash** | Instant-on non-volatile configuration |
| **User I/O Count** | 78 I/Os |
| **Speed Grade** | -6 (Standard Performance) |
| **Voltage Supply** | 2.375V to 3.465V (Core) |
| **Operating Temperature** | 0°C to 85°C (Commercial) |
| **Package / Case** | 100-TQFP (Thin Quad Flat Pack) |
---
## 2. Key Electronic Features
### A. Non-Volatile Architecture
Unlike traditional FPGAs that require an external SPI Flash to load the configuration upon power-up, the MachXO2 series has **on-chip Flash memory**.
* **Instant-on:** The device is operational within milliseconds.
* **Security:** Bitstream encryption protects intellectual property.
### B. Hardware Hardened IP
To save logic cells for user-defined tasks, the chip includes dedicated hardware blocks for common functions:
* **I2C / SPI Interfaces:** Hardened controllers for peripheral communication.
* **Timer/Counters:** Built-in 16-bit timers.
* **Internal Oscillator:** Provides a clock source without needing an external crystal.
### C. Low Power Consumption
The "HC" designation indicates a high-performance CMOS process optimized for low static power. It is ideal for battery-operated handheld devices.
---
## 3. Pinout and Physical Characteristics
The **100-TG100** package is a surface-mount TQFP with 100 pins. This package is popular because:
* It is easier to solder manually or via reflow compared to BGA (Ball Grid Array) packages.
* The 0.5mm lead pitch provides a balance between high I/O density and PCB manufacturing ease.
---
## 4. Typical Applications
* **System Control:** Managing power-up sequences and "Glue Logic."
* **Interface Bridging:** Converting signals between different protocols (e.g., I2C to Parallel).
* **I/O Expansion:** Adding more GPIOs to a microcontroller that has run out of pins.
* **LED/Display Control:** Managing simple user interfaces.
---
- ⤷
What are the main differences between the MachXO2 and MachXO3 series?
- ⤷ Which software tool is used to program the LCMXO2-256HC?
- ⤷ Does this specific FPGA support Differential I/O standards like LVDS?