AI

The **LCMXO2-256HC-5UMG64C** is a member of the MachXO2 family from Lattice Semiconductor. It is an ultra-low-power, instant-on, non-volatile FPGA (Field Programmable Gate Array) designed for system control and interface bridging applications.
---
### 1. Key Technical Specifications
| Parameter | Value | Description |
| :--- | :--- | :--- |
| **Logic Cells** | 256 | Look-Up Tables (LUTs) for logic implementation |
| **I/O Count** | 44 | Programmable Input/Output pins |
| **Package** | 64-VFBGA | Very Fine Pitch Ball Grid Array (5x5 mm) |
| **Voltage Supply** | 2.375V ~ 3.465V | Standard Core Voltage |
| **RAM Bits** | 0 (Distributed) | Uses LUTs for small memory requirements |
| **User Flash** | 64 Kbits | On-chip non-volatile storage |
| **Speed Grade** | -5 | High-speed grade performance |
---
### 2. Core Functional Parts
#### A. Programmable Logic Blocks (PLB)
The architecture is based on **Look-Up Tables (LUT4)**. These blocks are the building blocks for digital logic circuits. In this specific model, there are 256 LUTs, making it suitable for glue logic, simple state machines, and I/O expansion.
#### B. Non-Volatile Configuration Memory
Unlike many FPGAs that require an external Flash memory chip to load their configuration upon power-up, the MachXO2 has **on-chip Flash**.
- **Instant-on:** The device is operational in milliseconds.
- **Security:** Logic patterns are stored internally, making it harder to intercept the bitstream.
#### C. Hardened IP Blocks
To save logic cells, Lattice integrates "Hardened" (fixed-circuit) versions of common functions:
- **I2C/SPI Interfaces:** Built-in controllers for peripheral communication.
- **Timer/Counter:** Dedicated hardware for clock management.
- **User Flash Memory (UFM):** Can be used to store serial numbers, calibration data, or small boot codes.
#### D. I/O Bank Architecture
The 44 I/Os are organized into banks. They support various signaling standards such as LVCMOS (3.3V, 2.5V, 1.8V, 1.2V) and differential signaling (LVDS).
---
### 3. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **LCMXO2** | MachXO2 Product Family |
| **256** | 256 Logic Cells |
| **HC** | High Performance / High Voltage (2.5V/3.3V) |
| **5** | Speed Grade (-5 is faster than -4) |
| **UMG64** | 64-ball ucBGA package (0.5mm pitch) |
| **C** | Commercial Temperature Grade (0°C to 85°C) |
---
### 4. Common Applications
Due to its small footprint and low power consumption, it is frequently used in:
* **Power Sequencing:** Managing the startup order of complex SoC/CPU rails.
* **I/O Expansion:** Adding more GPIOs to a microcontroller.
* **Interface Bridging:** Converting signals (e.g., I2C to SPI or parallel to serial).
* **Mobile/Handheld Devices:** Where PCB space is at a premium.
- ⤷What is the difference between the HC and ZE variants of MachXO2?
- ⤷ Does this FPGA support internal Phase-Locked Loops (PLLs)?
- ⤷ How do I program the internal Flash of the LCMXO2-256HC?