LCMXO2-256HC-4UMG64C
AI

The **LCMXO2-256HC-4UMG64C** is a member of the MachXO2 family developed by Lattice Semiconductor. It is a bridge between traditional CPLDs (Complex Programmable Logic Devices) and low-power FPGAs (Field Programmable Gate Arrays).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Cells (LUTs)** | 256 Look-Up Tables |
| **User I/Os** | 44 Pins |
| **Package Type** | ucBGA-64 (64-ball Ultra Chip Scale Ball Grid Array) |
| **Voltage Supply (Core)** | 2.5V to 3.3V |
| **Flash Memory** | User Flash Memory (UFM) available |
| **Operating Temperature** | 0°C to 85°C (Commercial Grade) |
| **Speed Grade** | -4 (Standard speed) |
---
### 2. Core Electronic Features
#### A. Architecture: Instant-On
Unlike many FPGAs that require an external SPI Flash to load their configuration upon power-up, the MachXO2 series features **on-chip non-volatile Flash memory**. This allows the device to be "instant-on," meaning it begins functioning within microseconds of receiving power.
#### B. Low Power Consumption
The "HC" in the part number denotes a high-performance, low-power CMOS technology. It is designed for battery-powered or heat-sensitive applications, featuring static power consumption in the milliwatt range.
#### C. Hardened Embedded Functions
To save logic cells for user applications, the chip includes "hardened" (built-in hardware) blocks for common functions:
* **I2C & SPI Interfaces:** Dedicated hardware for serial communication.
* **Timer/Counters:** Built-in 16-bit timers.
* **Oscillator:** Internal RC oscillator, removing the need for an external crystal in simple designs.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps identify specific variant characteristics:
| Code | Meaning |
| :--- | :--- |
| **LCMXO2** | MachXO2 Family |
| **256** | Logic Density (256 Look-Up Tables) |
| **HC** | High Performance / Low Power (2.375V to 3.465V) |
| **4** | Speed Grade (-4 is standard) |
| **UMG64** | Package Type: ucBGA, 0.4mm pitch, 64-ball |
| **C** | Temperature Grade: Commercial (0°C to +85°C) |
---
### 4. Typical Applications
* **System Control:** Power sequencing and reset generation.
* **I/O Expansion:** Adding extra GPIOs to a microcontroller via I2C or SPI.
* **Interface Bridging:** Converting signals between different logic levels or protocols (e.g., LVCMOS to LVDS).
* **Glue Logic:** Replacing multiple small 74-series logic chips to save PCB space.
- ⤷
How does the non-volatile Flash in the MachXO2 compare to SRAM-based FPGAs?
- ⤷ What software tools are required to program the LCMXO2-256HC?
- ⤷ What are the PCB design considerations for the 0.4mm pitch ucBGA-64 package?